データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7892-3CB2 データシート(PDF) 10 Page - Analog Devices

部品番号 AD7892-3CB2
部品情報  LC2MOS Single Supply, 12-Bit 600 kSPS ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7892-3CB2 データシート(HTML) 10 Page - Analog Devices

Back Button AD7892-3CB2 Datasheet HTML 6Page - Analog Devices AD7892-3CB2 Datasheet HTML 7Page - Analog Devices AD7892-3CB2 Datasheet HTML 8Page - Analog Devices AD7892-3CB2 Datasheet HTML 9Page - Analog Devices AD7892-3CB2 Datasheet HTML 10Page - Analog Devices AD7892-3CB2 Datasheet HTML 11Page - Analog Devices AD7892-3CB2 Datasheet HTML 12Page - Analog Devices AD7892-3CB2 Datasheet HTML 13Page - Analog Devices AD7892-3CB2 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AD7892
–10–
REV. C
pulse can be applied to the
CS and RD inputs to latch data out
of the AD7892 and into the gate array or ASIC. This eliminates
the logic required in the gate array or ASIC to recognize the end
of conversion and generate the read signal for the AD7892. To
obtain optimum performance from the AD7892, it is not recom-
mended to tie
CS and RD permanently low as this keeps the
three-state active during conversion.
Serial Interface Mode
The AD7892 is configured for serial mode interfacing by tying
the MODE input low. It provides for a three-wire, serial link
between the AD7892 and industry-standard microprocessors,
microcontrollers and digital signal processors. SCLK and
RFS
of the AD7892 are inputs, and the AD7892’s serial interface is
designed for direct interface to systems that provide a serial
clock input that is synchronized to the serial data output includ-
ing microcontrollers such as the 80C51, 87C51, 68HC11 and
68HC05 and most digital signal processors.
Figure 3 shows the timing diagram for reading from the AD7892
in the serial interface mode.
RFS goes low to access data from
the AD7892. The serial clock input does not have to be con-
tinuous. The serial data can be accessed in a number of bytes.
However,
RFS must remain low for the duration of the data
transfer operation. Sixteen bits of data are transmitted with four
leading zeros followed by the 12-bit conversion result starting
with the MSB. Serial data is clocked out of the device on the
rising edge of SCLK. Old data is guaranteed to be valid for 5 ns
after this edge. This is useful for high speed serial clocks where
the access time of the part would not allow sufficient set-up time
for the data to be accepted on the falling edge of the clock. In
this case, care must be taken that
RFS does not go just prior to
a rising edge of SCLK. For slower serial clocks data is valid on
the falling edge of SCLK. At the end of the read operation, the
SDATA line is three-stated by a rising edge on either the SCLK
or
RFS inputs, whichever occurs first. Serial data cannot be
read during conversion to avoid feedthrough problems from the
serial clock to the conversion process. For optimum perfor-
mance of the AD7892-3, a serial read should also be avoided
within 200 ns of the rising edge of
CONVST to avoid feedthrough
into the track/hold during its acquisition time. The serial read
should, therefore, occur between the end of conversion (
EOC
falling edge) and 200 ns prior to the next rising edge of
CONVST. For the AD7892-1 and AD7892-2, a serial read
should also be avoided within 400 ns of the rising edge of
CONVST. This limits the maximum achievable throughput
rate in serial mode (assuming 20 MHz serial clock) to 400 kSPS
for the AD7892-3 and 357 kSPS for the AD7892-1 and
AD7892-2.
Analog Input Section
The AD7892 is offered as three part types allowing for four
different analog input voltage ranges. The AD7892-1 handles
either
± 5 V or ± 10 V input voltage ranges. The AD7892-2
handles a 0 V to +2.5 V input voltage range while the AD7892-3
handles an input range of
±2.5 V.
AD7892-1
Figure 4 shows the analog input section for the AD7892-1. The
analog input range is pin-strappable (using VIN2) for either
±5V
or
±10 V on the VIN1 input. With VIN2 connected to AGND, the
input range on VIN1 is
±10 V, and the input resistance on VIN1 is
15 k
Ω nominal. With V
IN2 connected to VIN1, the input range on
VIN1 is
±5 V, and the input resistance on VIN1 is 8 kΩ nominal.
As a result, the VIN1 and VIN2 inputs should be driven from a
low impedance source. The resistor attenuator stage is followed
by the high input impedance stage of the track/hold amplifier.
This resistor attenuator stage allows the input voltage to go to
±17 V without damaging the AD7892-1.
+2.5
REFERENCE
REF OUT/
REF IN
VIN1
VIN2
AGND
TO HIGH
IMPEDANCE
SHA INPUT
TO ADC
REFERENCE
CIRCUITRY
2k
3.25k
13k
6.5k
13k
Figure 4. AD7892-1 Analog Input Structure
t13
t10
THREE-
STATE
RFS (I)
SCLK (I)
SDATA (O)
NOTE:
I = INPUT; O = OUTPUT
FOUR LEADING ZEROS
t12
t11
t16
t17
t17A
t14
DB11
DB10
DB0
t15
Figure 3. Serial Mode Timing Diagram


同様の部品番号 - AD7892-3CB2

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7892ACHIPS-3 AD-AD7892ACHIPS-3 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892AN-1 AD-AD7892AN-1 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892AN-1 AD-AD7892AN-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
More results

同様の説明 - AD7892-3CB2

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
AD7892 AD-AD7892 Datasheet
144Kb / 14P
   LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7892 AD-AD7892_15 Datasheet
146Kb / 14P
   LC MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
EVAL-AD7891-1CB AD-EVAL-AD7891-1CB Datasheet
360Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 454 kSPS ADC
REV. A
EVAL-AD7891-2CB AD-EVAL-AD7891-2CB Datasheet
381Kb / 12P
   Evaluation Board for Single Supply, 12-Bit 500 kSPS ADC
REV. A
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com