データシートサーチシステム |
|
ADR431A データシート(PDF) 7 Page - Analog Devices |
|
ADR431A データシート(HTML) 7 Page - Analog Devices |
7 / 24 page ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. J | Page 7 of 24 ADR434 ELECTRICAL CHARACTERISTICS VIN = 6.1 V to 18 V, IL = 0 mA, TA = 25°C, unless otherwise noted. Table 5. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VO A Grade 4.091 4.096 4.101 V B Grade 4.0945 4.096 4.0975 V INITIAL ACCURACY1 VOERR A Grade ±5 mV ±0.12 % B Grade ±1.5 mV ±0.04 % TEMPERATURE COEFFICIENT TCVO A Grade −40°C < TA < +125°C 2 10 ppm/°C B Grade −40°C < TA < +125°C 1 3 ppm/°C LINE REGULATION ∆VO/∆VIN VIN = 6.1 V to 18 V, −40°C < TA < +125°C 5 20 ppm/V LOAD REGULATION ∆VO/∆IL IL = 0 mA to 10 mA, VIN = 7 V, −40°C < TA < +125°C 15 ppm/mA ∆VO/∆IL IL = −10 mA to 0 mA, VIN = 7 V, −40°C < TA < +125°C 15 ppm/mA QUIESCENT CURRENT IIN No load, −40°C < TA < +125°C 595 800 μA VOLTAGE NOISE eN p-p 0.1 Hz to 10.0 Hz 6.25 μV p-p VOLTAGE NOISE DENSITY eN 1 kHz 100 nV/√Hz TURN-ON SETTLING TIME tR CL = 0 μF 10 μs LONG-TERM STABILITY2 ∆VO 1000 hours 40 ppm OUTPUT VOLTAGE HYSTERESIS VO_HYS 20 ppm RIPPLE REJECTION RATIO RRR fIN = 1 kHz −70 dB SHORT CIRCUIT TO GND ISC 40 mA SUPPLY VOLTAGE OPERATING RANGE VIN 6.1 18 V SUPPLY VOLTAGE HEADROOM VIN − VO 2 V 1 Initial accuracy does not include shift due to solder heat effect. 2 The long-term stability specification is noncumulative. The drift in subsequent 1000 hour periods is significantly lower than in the first 1000 hour period. |
同様の部品番号 - ADR431A |
|
同様の説明 - ADR431A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |