データシートサーチシステム |
|
74ACT11008DG4 データシート(PDF) 3 Page - Texas Instruments |
|
74ACT11008DG4 データシート(HTML) 3 Page - Texas Instruments |
3 / 14 page 74ACT11008 QUADRUPLE 2-INPUT POSITIVE-AND GATE SCAS013C – AUGUST 1987 – REVISED APRIL 1996 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT IOH =50 mA 4.5 V 4.4 4.4 VOH IOH = –50 mA 5.5 V 5.4 5.4 V VOH IOH =24 mA 4.5 V 3.94 3.7 V IOH = –24 mA 5.5 V 4.94 4.7 IOL =50 mA 4.5 V 0.1 0.1 VOL IOL = 50 mA 5.5 V 0.1 0.1 V VOL IOL =24mA 4.5 V 0.36 0.44 V IOL = 24 mA 5.5 V 0.36 0.44 IOH† VO = 3.85 V 5.5 V –75 mA IOL† VO = 1.65 V 5.5 V 75 mA II VI = VCC or GND 5.5 V ±0.1 ±1 mA ICC VI = VCC or GND, IO = 0 5.5 V 4 40 mA DICC‡ One input at 3.4 V, 55 V 09 1 mA DICC‡ , Other inputs at GND or VCC 5.5 V 0.9 1 mA Ci VI = VCC or GND 5 V 3.5 pF † Not more than one output should be tested at a time, and the duration of the test should not exceed 1 second. ‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 or VCC. switching characteristics over recommended ranges of supply voltage and free-air temperature (unless otherwise noted) (see Figure 1) PARAMETER FROM TO TA = 25°C MIN MAX UNIT PARAMETER (INPUT) (OUTPUT) MIN TYP MAX MIN MAX UNIT tPLH AorB Y 1.5 5.8 8 1.5 9 ns tPHL A or B Y 1.5 5.2 7.7 1.5 8.2 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per gate CL = 50 pF, f = 1 MHz 29 pF |
同様の部品番号 - 74ACT11008DG4 |
|
同様の説明 - 74ACT11008DG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |