データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS54 データシート(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

部品番号 SS54
部品情報  5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  THINKISEMI [Thinki Semiconductor Co., Ltd.]
ホームページ  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

SS54 データシート(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  SS54 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. SS54 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES ( SS52 THRU SS515)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
FIG.2-MAXIMUM NON-REPETIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL FORWARD CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE.(V)
O
LEAD TEMPERATURE.( C)
NUMBER OF CYCLES AT 60HZ
FORWARD VOLTAGE(V)
PULSE DURATION,(sec)
5
4
3
2
1
0
0
50
100
150
50
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.5
20
10
1
0.1
0.01
0.001
0
20
40
60
80
100
120
140
100
10
1
0.1
0.01
0.1
1
10
100
100
10
1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
RESISTIVEOR
INDUCTIVE LOAD
O
TJ=125
C
O
TJ=75 C
O
TJ=25 C
SS52 -S S54
SS5 6 -S S515
FIG.6- TYPICAL TRANSIENT THERMAL
CHARACTERISTICS
Tj=25 C
f=1.0MHZ
Vsig=50mvp-p
SS52 -SS54
SS56 -SS 515
1
10
100
200
60
80
300
100
400
600
8.3ms Single Half Sine Wave
JEDEC Method
cycle
PULSE WIDTH=300 s
1%DUTY GYGLE
SS515
®
SS52 thru SS515
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2


同様の部品番号 - SS54

メーカー部品番号データシート部品情報
logo
Jinan Jingheng (Group) ...
SS54 JINANJINGHENG-SS54 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS54 DGNJDZ-SS54 Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Guangdong Juxing Electr...
SS54 JUXING-SS54 Datasheet
534Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Microdiode Electronics ...
SS54 CHENDA-SS54 Datasheet
585Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
SS54 ASEMI-SS54 Datasheet
48Kb / 2P
   plug-in ultra-fast recovery diode
2018.11 Rev.3.1
More results

同様の説明 - SS54

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SCD52 SECOS-SCD52_15 Datasheet
470Kb / 2P
   5.0 AMP Surface Mount Schottky Barrier Rectifiers
SK54BL SECOS-SK54BL_15 Datasheet
165Kb / 2P
   5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM520C GWSEMI-SM520C Datasheet
65Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS58-5A-80V-DO-214AA DGNJDZ-SS58-5A-80V-DO-214AA Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS515-150V-DO-214AB DGNJDZ-SS515-150V-DO-214AB Datasheet
266Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520-200V-DO-214AA DGNJDZ-SS520-200V-DO-214AA Datasheet
249Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS520F-200V.SMAF DGNJDZ-SS520F-200V.SMAF Datasheet
517Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK54.5A-DO-214AB DGNJDZ-SK54.5A-DO-214AB Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK52.5A-DO-214AB DGNJDZ-SK52.5A-DO-214AB Datasheet
216Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS52-20V-DO-214AB DGNJDZ-SS52-20V-DO-214AB Datasheet
266Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM520C UNIOHM-SM520C Datasheet
66Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com