データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9244-65PCB データシート(PDF) 10 Page - Analog Devices

部品番号 AD9244-65PCB
部品情報  High Speed ADC USB FIFO Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9244-65PCB データシート(HTML) 10 Page - Analog Devices

Back Button AD9244-65PCB Datasheet HTML 6Page - Analog Devices AD9244-65PCB Datasheet HTML 7Page - Analog Devices AD9244-65PCB Datasheet HTML 8Page - Analog Devices AD9244-65PCB Datasheet HTML 9Page - Analog Devices AD9244-65PCB Datasheet HTML 10Page - Analog Devices AD9244-65PCB Datasheet HTML 11Page - Analog Devices AD9244-65PCB Datasheet HTML 12Page - Analog Devices AD9244-65PCB Datasheet HTML 13Page - Analog Devices AD9244-65PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 10 of 28
The SPI interface designed on the Cypress IC can communicate
with up to five different SPI-enabled devices. The CLK and data
lines are common to all SPI devices. The correct device is
chosen to communicate by using one of the five active low chip
select pins. This functionality is controlled by selecting a SPI
channel in the software.
CLOCKING WITH INTERLEAVED DATA
ADCs with very high data rates can exceed the capability of a
single buffer memory channel (~133 MSPS). These converters
often demultiplex the data into two channels to reduce the rate
required to capture the data. In these applications, ADC Analyzer
must interleave the data from both channels to process it as a
single channel. The user can configure the software to process
the first sample from Channel A, the second from Channel B,
and so on, or vice versa. The synchronization circuit included in
the buffer memory forces a small delay between the write enable
signals (WENA and WENB) to the FIFO memory chips (Pin 1,
U101, and U201), ensuring that the data is captured in one
FIFO before the other. Jumper J401 and Jumper J402 determine
which FIFO receives WENA and which FIFO receives WENB.
CONNECTING TO THE HSC-ADC-FPGA-4/-8
ADCs that have serial LVDS outputs require another board that
is connected between the ADC evaluation board and the FIFO
data capture card. This board converts the serial data into
parallel CMOS so that the FIFO data capture card can accept
the data. For more detailed information on this board, refer to
the HSC-ADC-FPGA datasheet at www.analog.com/hsc-FIFO.
CONNECTING TO THE DEMUX BRD
ADCs that have parallel LVDS outputs require another board
that is connected between the ADC evaluation board and the
FIFO data capture card. This board converts parallel LVDS to
parallel CMOS, using both channels of the FIFO data capture
card. For more detailed information on this board, send an
email to highspeed.converters@analog.com
UPGRADING FIFO MEMORY
The FIFO evaluation board includes one or two 32 kB FIFOs
that are capable of 133 MHz clock signals, depending on the
model number. Pin-compatible FIFO upgrades are available
from IDT. See Table 2 for the IDT part number matrix.
Table 2. IDT Part Number Matrix
Part Number
FIFO Depth
FIFO Speed
IDT72V283-L7-5PF (Default )
32 kB
133 MHz
IDT72V293-L7-5PF
64 kB
133 MHz
IDT72V2103-L7-5PF
132 kB
133 MHz
IDT72V2113-L7-5PF
256 kB
133 MHz
IDT72V283-L6PF
32 kB
166 MHz
IDT72V293-L6PF
64 kB
166 MHz
IDT72V2103-L6PF
132 kB
166 MHz
IDT72V2113-L6PF
256 kB
166 MHz
For more information, visit www.idt.com.


同様の部品番号 - AD9244-65PCB

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9244-65PCB AD-AD9244-65PCB Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9244-65PCB AD-AD9244-65PCB Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244-65PCB AD-AD9244-65PCB Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
More results

同様の説明 - AD9244-65PCB

メーカー部品番号データシート部品情報
logo
Analog Devices
HSC-ADC-EVALA-DC AD-HSC-ADC-EVALA-DC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
HSC-ADC-EVALA-SC AD-HSC-ADC-EVALA-SC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
logo
List of Unclassifed Man...
UMFT60X ETC2-UMFT60X Datasheet
1Mb / 24P
   UMFT60x FIFO TO USB 3.0 Bridge Evaluation Board
logo
STMicroelectronics
TS613 STMICROELECTRONICS-TS613 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
logo
Future Technology Devic...
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
   USB Hi-Speed FT4232H Evaluation
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
logo
STMicroelectronics
UM0068 STMICROELECTRONICS-UM0068 Datasheet
505Kb / 17P
   USB low-speed evaluation board
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com