データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2599S-5.0 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2599S-5.0
部品情報  LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2599S-5.0 データシート(HTML) 11 Page - Texas Instruments

Back Button LM2599S-5.0 Datasheet HTML 7Page - Texas Instruments LM2599S-5.0 Datasheet HTML 8Page - Texas Instruments LM2599S-5.0 Datasheet HTML 9Page - Texas Instruments LM2599S-5.0 Datasheet HTML 10Page - Texas Instruments LM2599S-5.0 Datasheet HTML 11Page - Texas Instruments LM2599S-5.0 Datasheet HTML 12Page - Texas Instruments LM2599S-5.0 Datasheet HTML 13Page - Texas Instruments LM2599S-5.0 Datasheet HTML 14Page - Texas Instruments LM2599S-5.0 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LM2599
www.ti.com
SNVS123C – APRIL 1998 – REVISED APRIL 2013
Test Circuit and Layout Guidelines
Fixed Output Voltage Versions
Component Values shown are for VIN = 15V,
VOUT = 5V, ILOAD = 3A.
CIN — 470 μF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT — 220 μF, 25V Aluminum Electrolytic, Nichicon “PL Series”
D1
5A, 40V Schottky Rectifier, 1N5825
L1
68
μH, L38
Typical Values
CSS — 0.1 μF
CDELAY — 0.1 μF
RPull Up — 4.7k
Adjustable Output Voltage Versions
where VREF = 1.23V
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
Component Values shown are for VIN = 20V,
VOUT = 10V, ILOAD = 3A.
CIN: — 470 μF, 35V, Aluminum Electrolytic Nichicon “PL Series”
COUT: — 220 μF, 35V Aluminum Electrolytic, Nichicon “PL Series”
D1 — 5A, 30V Schottky Rectifier, 1N5824
L1 — 68
μH, L38
R1 — 1 kΩ, 1%
R2 — 7.15k, 1%
CFF — 3.3 nF, See Application Information Section
RFF — 3 kΩ, See Application Information Section
Typical Values
CSS—0.1 μF
CDELAY—0.1 μF
RPULL UP—4.7k
Figure 24. Standard Test Circuits and Layout Guides
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2599


同様の部品番号 - LM2599S-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2599S-5.0 NSC-LM2599S-5.0 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
More results

同様の説明 - LM2599S-5.0

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com