データシートサーチシステム |
|
LM2677S-3.3 データシート(PDF) 8 Page - Texas Instruments |
|
LM2677S-3.3 データシート(HTML) 8 Page - Texas Instruments |
8 / 34 page LM2677 SNVS077I – MAY 2004 – REVISED JUNE 2012 www.ti.com Typical Performance Characteristics (continued) Discontinuous Mode Switching Waveforms Load Transient Response for Continuous Mode VIN = 20V, VOUT = 5V, ILOAD = 500 mA VIN = 20V, VOUT = 5V L = 10 μH, COUT = 400 μF, COUTESR = 13 mΩ L = 10 μH, COUT = 400 μF, COUTESR = 13 mΩ A: VSW Pin Voltage, 10 V/div. A: Output Voltage, 100 mV//div, AC-Coupled. B: Inductor Current, 1 A/div B: Load Current: 500 mA to 5A Load Pulse C: Output Ripple Voltage, 20 mV/div AC-Coupled Figure 16. Horizontal Time Base: 1 μs//iv Figure 17. Horizontal Time Base: 100 μs/div Load Transient Response for Discontinuous Mode VIN = 20V, VOUT = 5V, L = 10 μH, COUT = 400 μF, COUTESR = 13 mΩ A: Output Voltage, 100 mV/div, AC-Coupled. B: Load Current: 200 mA to 5A Load Pulse Figure 18. Horizontal Time Base: 200 μs/div 8 Submit Documentation Feedback Copyright © 2004–2012, Texas Instruments Incorporated Product Folder Links: LM2677 |
同様の部品番号 - LM2677S-3.3 |
|
同様の説明 - LM2677S-3.3 |