データシートサーチシステム |
|
TLC27M4BIN データシート(PDF) 10 Page - Texas Instruments |
|
|
TLC27M4BIN データシート(HTML) 10 Page - Texas Instruments |
10 / 50 page TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9 SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012 www.ti.com ELECTRICAL CHARACTERISTICS at specified free-air temperature, VDD = 5 V (unless otherwise noted) TLC27M4M TLC27M9M PARAMETER TEST CONDITIONS TA (1) UNIT MIN TYP MAX 25°C 1.1 10 VO = 1.4 V, VIC = 0, TLC27M4M mV RS = 50 Ω, RL = 100 kΩ Full range 12 VIO Input offset voltage 25°C 210 900 VO = 1.4 V, VIC = 0, TLC27M9M µV RS = 50 Ω, RL = 100 kΩ Full range 3750 Average temperature coefficient of input αVIO 25°C to 125°C 1.7 µV/°C offset voltage 25°C 0.1 pA IIO Input offset current(2) VO = 2.5 V, VIC = 2.5 V 125°C 1.4 15 nA 25°C 0.6 pA IIB Input bias current(2) VO = 2.5 V, VIC = 2.5 V 85°C 9 35 nA 0 –0.3 25°C to to V 4 4.2 VICR Common-mode input voltage range(3) 0 Full range to V 3.5 25°C 3.2 3.9 VOH High-level output voltage VID = 100 mV, RL = 100 kΩ –55°C 3 3.9 V 125°C 3 4 25°C 0 50 VOL Low-level output voltage VID = –100 mV, IOL = 0 –55°C 0 50 mV 125°C 0 50 25°C 25 170 Large-signal differential voltage AVD VO = 0.25 V to 2 V, RL = 100 kΩ –55°C 15 270 V/mV amplification 125°C 15 120 25°C 65 91 CMRR Common-mode rejection ratio VIC = VICRmin –55°C 60 89 dB 125°C 60 91 25°C 70 93 Supply-voltage rejection ratio kSVR VDD = 5 V to 10 V, VO = 1.4 V –55°C 60 91 dB ( ΔVDD/ΔVIO) 125°C 60 94 25°C 420 1120 VO = 2.5 V, IDD Supply current (four amplifiers) VIC = 2.5 V, –55°C 680 1760 µA No load 125°C 280 720 (1) Full range is –55°C to 125°C. (2) The typical values of input bias current and input offset current below 5 pA were determined mathematically. (3) This range also applies to each input individually. 10 Submit Documentation Feedback Copyright © 1987–2012, Texas Instruments Incorporated Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9 |
同様の部品番号 - TLC27M4BIN |
|
同様の説明 - TLC27M4BIN |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |