データシートサーチシステム |
|
TLC27M9IDRG4 データシート(PDF) 1 Page - Texas Instruments |
|
|
TLC27M9IDRG4 データシート(HTML) 1 Page - Texas Instruments |
1 / 50 page 600 0 – 600 1200 – 1200 N Package TA = 25°C VDD = 5 V 301 Units Tested From 2 Wafer Lots VIO – Input Offset Voltage – μV DISTRIBUTION OF TLC27M9 INPUT OFFSET VOLTAGE 40 35 30 25 20 15 10 5 0 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1OUT 1IN– 1IN + VDD 2IN + 2IN– 2OUT 4OUT 4IN – 4IN + GND 3IN + 3IN – 3OUT D, J, N, OR PW PACKAGE (TOP VIEW) 3 2 1 20 19 9 10 11 12 13 4 5 6 7 8 18 17 16 15 14 4IN + NC GND NC 3IN + 1IN + NC VDD NC 2IN + FK PACKAGE (TOP VIEW) NC – No internal connection TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9 www.ti.com SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012 LinCMOS™ PRECISION QUAD OPERATIONAL AMPLIFIERS Check for Samples: TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9 1 FEATURES 2 • Trimmed Offset Voltage – TLC27M9 . . . 900 µV Max at TA = 25°C, VDD = 5 V • Input Offset Voltage Drift . . . Typically 0.1 µV/Month, Including the First 30 Days • Wide Range of Supply Voltages Over Specified Temperature Range: – 0°C to 70°C . . . 3 V to 16 V – –40°C to 85°C . . . 4 V to 16 V – –55°C to 125°C . . . 4 V to 16 V • Single-Supply Operation • Common-Mode Input Voltage Range Extends Below the Negative Rail (C-Suffix, I-Suffix Types) • Low Noise . . . Typically 32 nV/ √Hz at f = 1 kHz • Low Power . . . Typically 2.1 mW at TA = 25°C, VDD = 5 V • Output Voltage Range Includes Negative Rail • High Input Impedance . . . 1012 Ω Typ • ESD-Protection Circuitry • Small-Outline Package Option Also Available in Tape and Reel • Designed-In Latch-Up Immunity DESCRIPTION The TLC27M4 and TLC27M9 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high input impedance, low noise, and speeds comparable to that of general-purpose bipolar devices. These devices use Texas Instruments silicon-gate LinCMOS™ technology, which provides offset voltage stability far exceeding the stability available with conventional metal-gate processes. The extremely high input impedance, low bias currents, make these cost-effective devices ideal for applications that have previously been reserved for general-purpose bipolar products, but with only a fraction of the power consumption. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 LinCMOS is a trademark of Texas Instruments Incorporated. PRODUCTION DATA information is current as of publication date. Copyright © 1987–2012, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - TLC27M9IDRG4 |
|
同様の説明 - TLC27M9IDRG4 |