データシートサーチシステム |
|
TLC27M9MJB データシート(PDF) 2 Page - Texas Instruments |
|
TLC27M9MJB データシート(HTML) 2 Page - Texas Instruments |
2 / 50 page TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9 SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012 www.ti.com Four offset voltage grades are available (C-suffix and I-suffix types), ranging from the low-cost TLC27M4 (10 mV) to the high-precision TLC27M9 (900 μV). These advantages, in combination with good common-mode rejection and supply voltage rejection, make these devices a good choice for new state-of-the-art designs as well as for upgrading existing designs. In general, many features associated with bipolar technology are available on LinCMOS™ operational amplifiers, without the power penalties of bipolar technology. General applications such as transducer interfacing, analog calculations, amplifier blocks, active filters, and signal buffering are easily designed with the TLC27M4 and TLC27M9. The devices also exhibit low voltage single-supply operation, and low power consumption, making them ideally suited for remote and inaccessible battery-powered applications. The common-mode input voltage range includes the negative rail. A wide range of packaging options is available, including small-outline and chip-carrier versions for high-density system applications. The device inputs and outputs are designed to withstand −100-mA surge currents without sustaining latch-up. The TLC27M4 and TLC27M9 incorporate internal ESD-protection circuits that prevent functional failures at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015; however, care should be exercised in handling these devices, as exposure to ESD may result in the degradation of the device parametric performance. The C-suffix devices are characterized for operation from 0°C to 70°C. The I-suffix devices are characterized for operation from –40°C to 85°C. The M-suffix devices are characterized for operation over the full military temperature range of –55°C to 125°C. AVAILABLE OPTIONS PACKAGE CHIP VIOmax SMALL CHIP CERAMIC PLASTIC TA FORM TSSOP AT 25°C OUTLINE CARRIER DIP DIP (Y) (PW)(1) (D)(1) (FK) (J) (N) 900 µV TLC27M9CD — — TLC27M9CN — — 2 mV TLC27M4BCD — — TLC27M4BCN — — 0°C to 70°C 5 mV TLC27M4ACD — — TLC27M4ACN — — 10 mV TLC27M4CD — — TLC27M4CN TLC27M4CPW TLC27M4Y 900 µV TLC27M9ID — — TLC27M9IN — — 2 mV TLC27M4BID — — TLC27M4BIN — — –40°C to 85°C 5 mV TLC27M4AID — — TLC27M4AIN — — 10 mV TLC27M4ID — — TLC27M4IN TLC27M41PW — 900 µV TLC27M9MD TLC27M9MFK TLC27M9MJ TLC27M9MN — — –55°C to 125°C 10 mV TLC27M4MD TLC27M4MFK TLC27M4MJ TLC27M4MN — — (1) The D and PW package is available taped and reeled. Add R suffix to the device type (e.g., TLC279CDR). 2 Submit Documentation Feedback Copyright © 1987–2012, Texas Instruments Incorporated Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9 |
同様の部品番号 - TLC27M9MJB |
|
同様の説明 - TLC27M9MJB |