データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2032D1YZF データシート(PDF) 9 Page - Texas Instruments

部品番号 TPA2032D1YZF
部品情報  2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2032D1YZF データシート(HTML) 9 Page - Texas Instruments

Back Button TPA2032D1YZF Datasheet HTML 5Page - Texas Instruments TPA2032D1YZF Datasheet HTML 6Page - Texas Instruments TPA2032D1YZF Datasheet HTML 7Page - Texas Instruments TPA2032D1YZF Datasheet HTML 8Page - Texas Instruments TPA2032D1YZF Datasheet HTML 9Page - Texas Instruments TPA2032D1YZF Datasheet HTML 10Page - Texas Instruments TPA2032D1YZF Datasheet HTML 11Page - Texas Instruments TPA2032D1YZF Datasheet HTML 12Page - Texas Instruments TPA2032D1YZF Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.ti.com
V
200mV/div
DD
V
20mV/div
OUT
t-Time-2mS/div
0
-140
-120
-100
-80
-60
-40
-20
0
2k
200 400 600 800 1k 1.2k 1.4k 1.6k1.8k
f-Frequency-Hz
V
ShowninFigure22
C =1 F,
Inputsac-Grounded
DD
I
m
-150
-130
-110
-90
-70
-50
-30
10
-10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DCCommon-ModeVoltage-V
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DCCommon-ModeVoltage-V
V
=3.6V
DD
V
=5V
DD
V
=2.5V
DD
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
DCCommon-ModeVoltage-V
V
=2.5V
DD
V
=3.6V
DD
V
=5V
DD
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
-Common-ModeInputVoltage-V
IC
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
-85
-80
-75
-70
-65
-60
10
100
1k
10k
100k
f-Frequency-Hz
V
=3.6V,
V
=1Vpp,
R =8
DD
IC
L
W
TPA2032D1
TPA2033D1
TPA2034D1
SLOS476 – JUNE 2006
GSM POWER SUPPLY REJECTION
GSM POWER SUPPLY REJECTION
vs
vs
TIME
FREQUENCY
Figure 28.
Figure 29.
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
vs
DC COMMON MODE VOLTAGE -
DC COMMON MODE VOLTAGE -
DC COMMON MODE VOLTAGE -
TPA2032D1
TPA2033D1
TPA2034D1
Figure 30.
Figure 31.
Figure 32.
COMMON-MODE REJECTION
COMMON-MODE REJECTION
RATIO
RATIO
vs
vs
FREQUENCY
COMMON-MODE INPUT VOLTAGE
Figure 33.
Figure 34.
9
Submit Documentation Feedback


同様の部品番号 - TPA2032D1YZF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2032D1YZF TI1-TPA2032D1YZF Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1YZFR TI1-TPA2032D1YZFR Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1YZFT TI1-TPA2032D1YZFT Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2032D1YZF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2032D1 TI-TPA2032D1 Datasheet
867Kb / 17P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2032D1 TI1-TPA2032D1_16 Datasheet
1Mb / 19P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2035D1 TI-TPA2035D1 Datasheet
993Kb / 20P
[Old version datasheet]   2.75-W FIXED GAIN MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com