データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1845L883B データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1845L883B
部品情報  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1845L883B データシート(HTML) 4 Page - Texas Instruments

  UC1845L883B Datasheet HTML 1Page - Texas Instruments UC1845L883B Datasheet HTML 2Page - Texas Instruments UC1845L883B Datasheet HTML 3Page - Texas Instruments UC1845L883B Datasheet HTML 4Page - Texas Instruments UC1845L883B Datasheet HTML 5Page - Texas Instruments UC1845L883B Datasheet HTML 6Page - Texas Instruments UC1845L883B Datasheet HTML 7Page - Texas Instruments UC1845L883B Datasheet HTML 8Page - Texas Instruments UC1845L883B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
(7)
Gain defined as:
A + D
VPIN 1
DVPIN 3
, 0 v VPIN 3 v 0.8 V
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, these specifications apply for –55
°C ≤ T
A≤ 125°C for the UC184X; –40°C ≤ TA≤ 85°C for the
UC284X; 0
°C ≤ T
A≤ 70°C for the 384X; VCC = 15 V; RT = 10 kΩ; CT = 3.3 nF, TA = TJ.
UC1842/3/4/5
UC3842/3/4/5
UC2842/3/4/5
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ERROR AMP SECTION
Input Voltage
VPIN 1 = 2.5 V
2.45
2.50
2.55
2.42
2.50
2.58
V
Input Bias Current
–0.3
–1
–0.3
–2
µA
AVOL
2
≤ V
O≤ 4 V
65
90
65
90
dB
Unity Gain Bandwidth
TJ = 25°C (5)
0.7
1
0.7
1
MHz
PSRR
12
≤ V
CC≤ 25 V
60
70
60
70
dB
Output Sink Current
VPIN 2 = 2.7 V, VPIN 1 = 1.1 V
2
6
2
6
mA
Output Source Current
VPIN 2 = 2.3 V, VPIN 1 = 5 V
–0.5
–0.8
–0.5
–0.8
VOUT High
VPIN 2 = 2.3 V, RL = 15 kΩ to ground
5
6
5
6
V
VOUT Low
VPIN 2 = 2.7 V, RL = 15 kΩ to Pin 8
0.7
1.1
0.7
1.1
CURRENT SENSE SECTION
Gain
See (6)(7)
2.85
3
3.15
2.85
3
3.15
V/V
Maximum Input Signal
VPIN 1 = 5 V (6)
0.9
1
1.1
0.9
1
1.1
V
PSRR
12
≤ V
CC≤ 25 V
(5) (6)
70
70
dB
Input Bias Current
–2
–10
–2
–10
µA
Delay to Output
VPIN 3 = 0 V to 2 V (5)
150
300
150
300
ns
OUTPUT SECTION
ISINK = 20 mA
0.1
0.4
0.1
0.4
Output Low Level
ISINK = 200 mA
1.5
2.2
1.5
2.2
V
ISOURCE = 20 mA
13
13.5
13
13.5
Output High Level
ISOURCE = 200 mA
12
13.5
12
13.5
Rise Time
TJ = 25°C, CL = 1 nF (5)
50
150
50
150
ns
Fall Time
TJ = 25°C, CL = 1nF(5)
50
150
50
150
UNDER-VOLTAGE LOCKOUT SECTION
X842/4
15
16
17
14.5
16
17.5
Start Threshold
X843/5
7.8
8.4
9.0
7.8
8.4
9.0
V
X842/4
9
10
11
8.5
10
11.5
Min. Operating Voltage After
Turn On
X843/5
7.0
7.6
8.2
7.0
7.6
8.2
PWM SECTION
X842/3
95%
97%
100%
95%
97%
100%
Maximum Duty Cycle
X844/5
46%
48%
50%
47%
48%
50%
Minimum Duty Cycle
0%
0%
TOTAL STANDBY CURRENT
Start-Up Current
0.5
1
0.5
1
mA
Operating Supply Current
VPIN 2 = VPIN 3 = 0 V
11
17
11
17
VCC Zener Voltager
ICC = 25 mA
30
34
30
34
V
(5)
These parameters, although specified, are not 100% tested in production.
(6)
Parameter measured at trip point of latch with VPIN 2 = 0.
4
Submit Documentation Feedback


同様の部品番号 - UC1845L883B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1845L883B TI-UC1845L883B Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC1845L883B TI1-UC1845L883B Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L883B TI-UC1845L883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L883B TI-UC1845L883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845L883B TI-UC1845L883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC1845L883B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com