データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1845W883B データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1845W883B
部品情報  CURRENT MODE PWM CONTROLLER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1845W883B データシート(HTML) 8 Page - Texas Instruments

Back Button UC1845W883B Datasheet HTML 4Page - Texas Instruments UC1845W883B Datasheet HTML 5Page - Texas Instruments UC1845W883B Datasheet HTML 6Page - Texas Instruments UC1845W883B Datasheet HTML 7Page - Texas Instruments UC1845W883B Datasheet HTML 8Page - Texas Instruments UC1845W883B Datasheet HTML 9Page - Texas Instruments UC1845W883B Datasheet HTML 10Page - Texas Instruments UC1845W883B Datasheet HTML 11Page - Texas Instruments UC1845W883B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
OFFLINE FLYBACK REGULATOR
R1
5
Ω 1 W
117 VAC
VARO
VM 68
C1
250
µF
250 V
R2
56 k
2 W
R12
4.7 k
2 W
C9
3300 pF
600 V
NP
D4
1N3613
D2
1N3612
D3
1N3612
NC
R3
20 k
R4
4.7 k
C4
47
µF
25 V
R9
68
3 W
C3
22
µF
C2
100
µF
25 V
7
2
1
8
4
5
3
6
UC3844
R5 150 k
C14
100 pF
R6
10 k
C5
0.01
µF
C6
0.0022
µF
USD1120
R7
22
R8
1 k
C7
470 pF
R13
20 k
R10
0.55
1 W
Q1
UFN833
T1
D6
U9D946
L1
N5
C10
4700
µF
10 V
C11
4700
µF
10 V
+6 V
COM
+12 V
±12 V COM
−12 V
D7
UF81002
N12
N12
C12
2200
µF
16 V
C13
2200
µF
16 V
D8
UES1002
C8
680 pF
600 V
D8
1N3613
R11
2.7 k
2 W
Power Supply Specifications
SLOPE COMPENSATION
8
4
3
VREF
RT / CT
ISENSE
UC1842/3
0.1 mF
RT
CT
R1
R2
C
ISENSE
RSENSE
UC1842/3/4/5
UC2842/3/4/5
UC3842/3/4/5
SLUS223C – APRIL 1997 – REVISED JUNE 2007
1. Input Voltages
a.
5VAC to 130VA (50 Hz/60 Hz)
2. Line Isolation: 3750 V
3. Switchng Frequency: 40 kHz
4. Efficiency at Full Load 70%
5. Output Voltage:
a.
+5 V,
±5%; 1A to 4A load
Ripple voltage: 50 mV P-P Max
b.
+12 V,
±3%; 0.1A to 0.3A load
Ripple voltage: 100 mV P-P Max
c.
–12 V,
±3%; 0.1A to 0.3A load
Ripple voltage: 100 mV P-P Max
A fraction of the oscillator ramp can be resistively summed with the current sense signal to provide slope
compensation for converters requiring duty cycles over 50%.
8
Submit Documentation Feedback


同様の部品番号 - UC1845W883B

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1845W883B TI-UC1845W883B Datasheet
720Kb / 24P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845W883B TI1-UC1845W883B Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845W883B TI-UC1845W883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845W883B TI-UC1845W883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1845W883B TI-UC1845W883B Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
More results

同様の説明 - UC1845W883B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com