データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR14003YDDCT データシート(PDF) 6 Page - Texas Instruments

部品番号 LMR14003YDDCT
部品情報  SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14003YDDCT データシート(HTML) 6 Page - Texas Instruments

Back Button LMR14003YDDCT Datasheet HTML 2Page - Texas Instruments LMR14003YDDCT Datasheet HTML 3Page - Texas Instruments LMR14003YDDCT Datasheet HTML 4Page - Texas Instruments LMR14003YDDCT Datasheet HTML 5Page - Texas Instruments LMR14003YDDCT Datasheet HTML 6Page - Texas Instruments LMR14003YDDCT Datasheet HTML 7Page - Texas Instruments LMR14003YDDCT Datasheet HTML 8Page - Texas Instruments LMR14003YDDCT Datasheet HTML 9Page - Texas Instruments LMR14003YDDCT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
3.55
3.60
±50
0
50
100
150
Temperature (
ƒC)
C004
UVLO_H
UVLO_L
LMR14003, LMR14006
SNVSA10 – NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, TA = 25°C, unless otherwise specified.
Switching Node and Output Voltage Waveform (Vout=5V,
UVLO vs Temperature
600mA Load)
Figure 8.
Figure 9.
12V Output Start-up Waveform (Vin=18V, 300mA Load)
12V Output Shutdown Waveform (Vin=18V, 300mA Load)
Figure 10.
Figure 11.
5V Output Start-up Waveform (300mA Load)
5V Output Shutdown Waveform (300mA Load)
Figure 12.
Figure 13.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMR14003 LMR14006


同様の部品番号 - LMR14003YDDCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCR TI1-LMR14006XDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006XDDCT TI1-LMR14006XDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006YDDCR TI1-LMR14006YDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006YDDCT TI1-LMR14006YDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

同様の説明 - LMR14003YDDCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com