データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR14006YQ5DDCT データシート(PDF) 3 Page - Texas Instruments

部品番号 LMR14006YQ5DDCT
部品情報  SIMPLE SWITCHER 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR14006YQ5DDCT データシート(HTML) 3 Page - Texas Instruments

  LMR14006YQ5DDCT Datasheet HTML 1Page - Texas Instruments LMR14006YQ5DDCT Datasheet HTML 2Page - Texas Instruments LMR14006YQ5DDCT Datasheet HTML 3Page - Texas Instruments LMR14006YQ5DDCT Datasheet HTML 4Page - Texas Instruments LMR14006YQ5DDCT Datasheet HTML 5Page - Texas Instruments LMR14006YQ5DDCT Datasheet HTML 6Page - Texas Instruments LMR14006YQ5DDCT Datasheet HTML 7Page - Texas Instruments LMR14006YQ5DDCT Datasheet HTML 8Page - Texas Instruments LMR14006YQ5DDCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CB
1
2
3
4
5
6
TSOT-6L
LMR14003/6
GND
FB
SW
VIN
SHDN
PIN 1 ID
LMR14003, LMR14006
www.ti.com
SNVSA10 – NOVEMBER 2013
ELECTRICAL CHARACTERISTICS (continued)
VIN = /SHDN = 12V, TA = 25°C, unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
fSW Switching frequency
LMR14003/6
935
1100
1285
kHz
LMR14003/6
1785
2100
2415
kHz
Thermal Performance
TSHUTDOWN Thermal shutdown trip
170
ºC
point
THYS
Hysteresis
10
ºC
DDC Package TSOT-6L
(TOP VIEW)
Table 1. PIN FUNCTIONS
Name
NO.
I/O
Description
CB
1
O
SW FET Gate Bias voltage. Connect Cboot cap between CB and SW
GND
2
-
Ground Connection
FB
3
I
Feedback Pin: Set feedback voltage divider ratio with VOUT = VFB (1+(R1/R2))
/SHDN
4
I
Enable and disable input pin(high voltage tolerant). Internal pull-up current source. Pull below
1.2V to disable. Float to enable. Adjust the input undervoltage lockout with two resistors.
VIN
5
I
Power input voltage pin: Input for internal supply and drain node input for internal high-side
MOSFET
SW
6
I
Switch node, Connect to inductor, diode, and Cboot cap
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMR14003 LMR14006


同様の部品番号 - LMR14006YQ5DDCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14006YDDCR TI1-LMR14006YDDCR Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR14006YDDCT TI1-LMR14006YDDCT Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
More results

同様の説明 - LMR14006YQ5DDCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR14006 TI1-LMR14006 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 40V 300/600mA Buck Regulators with High Efficiency Sleep Mode
LMR16006Y-Q1 TI-LMR16006Y-Q1_15 Datasheet
1Mb / 23P
[Old version datasheet]   SIMPLE SWITCHER Buck Regulators With High-Efficiency ECO Mode
LMR14006 TI-LMR14006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR14006 SIMPLE SWITCHER짰 40 V 600 mA Buck Regulator With High Efficiency Sleep Mode
LMR16006 TI-LMR16006_15 Datasheet
1Mb / 24P
[Old version datasheet]   LMR16006 SIMPLE SWITCHER짰 60 V 0.6 A Buck Regulators With High Efficiency ECO Mode
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
National Semiconductor ...
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com