データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC1G06GW125 データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74LVC1G06GW125
部品情報  Inverter with open-drain output Rev. 10 ??29 June 2012
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G06GW125 データシート(HTML) 4 Page - NXP Semiconductors

  74LVC1G06GW125 Datasheet HTML 1Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 2Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 3Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 4Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 5Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 6Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 7Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 8Page - NXP Semiconductors 74LVC1G06GW125 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
74LVC1G06
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 10 — 29 June 2012
4 of 18
NXP Semiconductors
74LVC1G06
Inverter with open-drain output
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
8.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
When VCC = 0 V (Power-down mode), the output voltage can be 5.5 V in normal operation.
[3]
For TSSOP5 and SC-74A packages: above 87.5
C the value of P
tot derates linearly with 4.0 mW/K.
For XSON6 and X2SON5 package: above 118
C the value of P
tot derates linearly with 7.8 mW/K.
9.
Recommended operating conditions
Table 4.
Function table[1]
Input
Output
A
Y
LZ
HL
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+6.5
V
IIK
input clamping current
VI < 0 V
50
-
mA
VI
input voltage
[1]
0.5
+6.5
V
IOK
output clamping current
VO >VCC or VO < 0 V
-
50
mA
VO
output voltage
Active mode and Power-down
mode
[1][2]
0.5
+6.5
V
IO(sink/source) output sink or source current
VO = 0 V to VCC
-
50
mA
ICC
supply current
-
+100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C
[3] -250
mW
Table 6.
Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
1.65
-
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
Active mode
0
-
5.5
V
Power-down mode; VCC = 0 V
0
-
5.5
V
Tamb
ambient temperature
40
-
+125
C
t/V
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
-
-
20
ns/V
VCC = 2.7 V to 5.5 V
-
-
10
ns/V


同様の部品番号 - 74LVC1G06GW125

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G06GW PHILIPS-74LVC1G06GW Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74LVC1G06GW NXP-74LVC1G06GW Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
74LVC1G06GW NXP-74LVC1G06GW Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Nexperia B.V. All right...
74LVC1G06GW NEXPERIA-74LVC1G06GW Datasheet
255Kb / 16P
   Inverter with open-drain output
Rev. 14 - 10 February 2022
74LVC1G06GW-Q100 NEXPERIA-74LVC1G06GW-Q100 Datasheet
187Kb / 13P
   Inverter with open-drain output
More results

同様の説明 - 74LVC1G06GW125

メーカー部品番号データシート部品情報
logo
Leshan Radio Company
MC74VHC1G05 LRC-MC74VHC1G05 Datasheet
153Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74LVC1G06 NXP-74LVC1G06 Datasheet
87Kb / 14P
   Inverter with open-drain output
Rev. 07-12 July 2007
logo
E-Tech Electronics LTD
MC74VHC1G05 ETL-MC74VHC1G05 Datasheet
578Kb / 4P
   Inverter with Open Drain Output
logo
NXP Semiconductors
74AHC1G06 NXP-74AHC1G06_07 Datasheet
78Kb / 11P
   Inverter with open-drain output
Rev. 06-7 June 2007
74LVC1G06GV.125 NXP-74LVC1G06GV.125 Datasheet
352Kb / 18P
   Inverter with open-drain output
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74AHCT3G06 UTC-U74AHCT3G06_15 Datasheet
146Kb / 5P
   INVERTER WITH OPEN-DRAIN OUTPUT
logo
NXP Semiconductors
NCX2202GW-125 NXP-NCX2202GW-125 Datasheet
840Kb / 15P
   Low voltage comparator; open-drain output Rev. 5 ??30 October 2012
Rev. 5-30 October 2012
74LVC1G06 PHILIPS-74LVC1G06 Datasheet
89Kb / 14P
   Inverter with open-drain output
2004 Sep 07
74AHC1G06 PHILIPS-74AHC1G06 Datasheet
66Kb / 16P
   Inverter with open-drain output
2000 May 01
logo
Leshan Radio Company
L74VHC1G05 LRC-L74VHC1G05 Datasheet
242Kb / 6P
   Inverter with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com