データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1161WI-25-GT3 データシート(PDF) 11 Page - ON Semiconductor

部品番号 CAT1161WI-25-GT3
部品情報  Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)null
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT1161WI-25-GT3 データシート(HTML) 11 Page - ON Semiconductor

Back Button CAT1161WI-25-GT3 Datasheet HTML 5Page - ON Semiconductor CAT1161WI-25-GT3 Datasheet HTML 6Page - ON Semiconductor CAT1161WI-25-GT3 Datasheet HTML 7Page - ON Semiconductor CAT1161WI-25-GT3 Datasheet HTML 8Page - ON Semiconductor CAT1161WI-25-GT3 Datasheet HTML 9Page - ON Semiconductor CAT1161WI-25-GT3 Datasheet HTML 10Page - ON Semiconductor CAT1161WI-25-GT3 Datasheet HTML 11Page - ON Semiconductor CAT1161WI-25-GT3 Datasheet HTML 12Page - ON Semiconductor CAT1161WI-25-GT3 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CAT1161, CAT1162
http://onsemi.com
11
ORDERING INFORMATION
Orderable Part Numbers − CAT1161/2 Series
(See Notes 1 − 4)
Device
Reset Threshold
Voltage
Package−Pins
Shipping
CAT1161LI−45−G
4.50 V − 4.75 V
PDIP−8
3000 Tape & Reel
CAT1161LI−42−G
4.25 V − 4.50 V
CAT1161LI−30−G
3.00 V − 3.15 V
CAT1161LI−28−G
2.85 V − 3.00 V
CAT1161LI−25−G
2.55 V − 2.70 V
CAT1161WI−45−GT3
4.50 V − 4.75 V
SOIC−8
CAT1161WI−42−GT3
4.25 V − 4.50 V
CAT1161WI−30−GT3
3.00 V − 3.15 V
CAT1161WI−28−GT3
2.85 V − 3.00 V
CAT1161WI−25−GT3
2.55 V − 2.70 V
CAT1162LI−45−G
4.50 V − 4.75 V
PDIP−8
CAT1162LI−42−G
4.25 V − 4.50 V
CAT1162LI−30−G
3.00 V − 3.15 V
CAT1162LI−28−G
2.85 V − 3.00 V
CAT1162LI−25−G
2.55 V − 2.70 V
CAT1162WI−45−GT3
4.50 V − 4.75 V
SOIC−8
CAT1162WI−42−GT3
4.25 V − 4.50 V
CAT1162WI−30−GT3
3.00 V − 3.15 V
CAT1162WI−28−GT3
2.85 V − 3.00 V
CAT1162WI−25−GT3
2.55 V − 2.70 V
1. All packages are RoHS−compliant (Lead−free, Halogen−free).
2. The standard lead finish is NiPdAu.
3. For additional package and temperature options, please contact your nearest
ON Semiconductor Sales office.
4. For detailed information and a breakdown of device nomenclature and numbering
systems, please see the ON Semiconductor Device Nomenclature document,
TND310/D, available at www.onsemi.com


同様の部品番号 - CAT1161WI-25-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1161WI-25-GT3 CATALYST-CAT1161WI-25-GT3 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161WI-25-GT3 CATALYST-CAT1161WI-25-GT3 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161WI-25-GT3 ONSEMI-CAT1161WI-25-GT3 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1161WI-25-GT3 ONSEMI-CAT1161WI-25-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161WI-25-GT3 ONSEMI-CAT1161WI-25-GT3 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
More results

同様の説明 - CAT1161WI-25-GT3

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com