データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT25080VI-GT3 データシート(PDF) 8 Page - ON Semiconductor

部品番号 CAT25080VI-GT3
部品情報  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25080VI-GT3 データシート(HTML) 8 Page - ON Semiconductor

Back Button CAT25080VI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25080VI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25080VI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25080VI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25080VI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25080VI-GT3 Datasheet HTML 9Page - ON Semiconductor CAT25080VI-GT3 Datasheet HTML 10Page - ON Semiconductor CAT25080VI-GT3 Datasheet HTML 11Page - ON Semiconductor CAT25080VI-GT3 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
CAT25080, CAT25160
http://onsemi.com
8
Byte Write
Once the WEL bit is set, the user may execute a write
sequence, by sending a WRITE instruction, a 16−bit address
and data as shown in Figure 5. Only 10 significant address
bits are used by the CAT25080 and 11 by the CAT25160. The
rest are don’t care bits, as shown in Table 13. Internal
programming will start after the low to high CS transition.
During an internal write cycle, all commands, except for
RDSR (Read Status Register) will be ignored. The RDY bit
will indicate if the internal write cycle is in progress (RDY
high), or the device is ready to accept commands (RDY
low).
Page Write
After sending the first data byte to the CAT25080/160, the
host may continue sending data, up to a total of 32 bytes,
according to timing shown in Figure 6. After each data byte,
the lower order address bits are automatically incremented,
while the higher order address bits (page address) remain
unchanged. If during this process the end of page is
exceeded, then loading will “roll over” to the first byte in the
page, thus possibly overwriting previously loaded data.
Following completion of the write cycle, the CAT25080/160
is automatically returned to the write disable state.
Table 13. BYTE ADDRESS
Device
Address Significant Bits
Address Don’t Care Bits
# Address Clock Pulse
CAT25080
A9 − A0
A15 − A10
16
CAT25160
A10 − A0
A15 − A11
16
Figure 5. Byte WRITE Timing
SCK
SI
SO
00
0
0
0
1
0
D7 D6 D5 D4 D3 D2 D1 D0
01
2345678
OPCODE
DATA IN
HIGH IMPEDANCE
BYTE ADDRESS*
21 22 23 24 25 26 27 28 29 30 31
Dashed Line = mode (1, 1)
CS
A0
AN
0
* Please check the Byte Address Table (Table 13)
Figure 6. Page WRITE Timing
SCK
SI
SO
00
0
0
0
1
0
BYTE ADDRESS*
Data
Byte 1
01234
5678
21 22 23 24−31 32−39
Data Byte N
OPCODE
7..1
0
24+(N−1)x8−1 .. 24+(N−1)x8
24+Nx8−1
DATA IN
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
AN
A0
Data
Byte 3
Data
Byte 2
0
* Please check the Byte Address Table (Table 13)


同様の部品番号 - CAT25080VI-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25080VI-GT3 CATALYST-CAT25080VI-GT3 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080VI-GT3 ONSEMI-CAT25080VI-GT3 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080VI-GT3 ONSEMI-CAT25080VI-GT3 Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT25080VI-GT3 ONSEMI-CAT25080VI-GT3 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
More results

同様の説明 - CAT25080VI-GT3

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com