データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN3180 データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FAN3180
部品情報  Single 2-A Low-Side Driver with 3.3-V LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3180 データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN3180 Datasheet HTML 7Page - Fairchild Semiconductor FAN3180 Datasheet HTML 8Page - Fairchild Semiconductor FAN3180 Datasheet HTML 9Page - Fairchild Semiconductor FAN3180 Datasheet HTML 10Page - Fairchild Semiconductor FAN3180 Datasheet HTML 11Page - Fairchild Semiconductor FAN3180 Datasheet HTML 12Page - Fairchild Semiconductor FAN3180 Datasheet HTML 13Page - Fairchild Semiconductor FAN3180 Datasheet HTML 14Page - Fairchild Semiconductor FAN3180 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3180 • Rev. 1.0.3
11
Application Information
Input Stage
The FAN3180 input thresholds between 2 V and 5 V
meet
industry-standard
TTL-logic
thresholds,
independent of the VDD voltage. The input rising-edge
threshold is approximately 50% of 3.3 V and the input
falling-edge threshold is approximately 30% of 3.3 V. The
TTL-like input configuration offers a hysteresis voltage of
approximately 0.7 V. These levels permit the inputs to be
driven from a range of input logic signal levels for which a
voltage over 2 V is considered logic HIGH. The driving
signal for the TTL inputs should have fast rising and
falling edges with a slew rate of 6 V/µs or faster, so the
rise time from 0 to 3.3 V should be 550 ns or less. With
reduced slew rate, circuit noise could cause the driver
input voltage to exceed the hysteresis voltage and
retrigger the driver input, causing erratic operation.
MillerDrive™ Gate Drive Technology
The
FAN3180
incorporates
the
MillerDrive
architecture shown in Figure 25 for the output stage, a
combination of bipolar and MOSFET devices capable of
providing large currents over a wide range of supply-
voltage and temperature variations. The bipolar devices
carry the bulk of the current as OUT swings between 1/3
to 2/3 VDD and the MOSFET devices pull the output to
the high or low rail.
The purpose of the MillerDrive
™ architecture is to
speed up switching by providing the highest current
during the Miller plateau region when the gate-drain
capacitance of the MOSFET is being charged or
discharged as part of the turn-on / turn-off process. For
applications with Zero-Voltage Switching (ZVS) during
the MOSFET turn-on or turn-off interval, the driver
supplies high peak current for fast switching even
though the Miller plateau is not present. This situation
often
occurs
in
synchronous
rectifier
applications
because the body diode is generally conducting before
the MOSFET is switched on.
The output-pin slew rate is determined by VDD voltage
and the load on the output. It is not adjustable, but if a
slower rise or fall time at the MOSFET gate is needed, a
series resistor can be added.
Input
Stage
VDD
VOUT
Figure 25.
MillerDrive™ Output Architecture
Under-Voltage Lockout
The FAN3180 startup logic is optimized to drive ground
referenced N-channel MOSFETs with an under-voltage
lockout (UVLO) function to ensure the IC starts up in an
orderly fashion. When VDD is rising, yet below the 4.5 V
operational level, this circuit holds the output LOW,
regardless of the status of the input pins. After the part
is active, the supply voltage must drop 0.2 V before the
part shuts down. This hysteresis helps prevent chatter
when low VDD supply voltages have noise from the
power switching. This configuration is not suitable for
driving high-side P-channel MOSFETs because the low
output voltage of the driver would turn the P-channel
MOSFET on with VDD below 4.5 V.
VDD Bypass Capacitor Guidelines
To enable this IC to turn a power device on quickly, a
local, high-frequency, bypass capacitor, CBYP, with low
ESR and ESL should be connected between the VDD
and GND pins with minimal trace length. This capacitor
is in addition to bulk electrolytic capacitance of 10µF to
47 µF often found on driver and controller bias circuits.
A typical criterion for choosing the value of CBYP is to
keep the ripple voltage on the VDD supply ≤5%. Often
this is achieved with a value ≥ 20 times the equivalent
load capacitance CEQV, defined here as Qgate/VDD.
Ceramic capacitors of 0.1 µF to 1 µF or larger are
common choices, as are dielectrics such as X5R and
X7R, which have good temperature characteristics and
high pulse current capability.
If circuit noise affects normal operation, the value of
CBYP may be increased to 50-100 times CEQV or CBYP
may be split into two capacitors. One should be a larger
value, based on equivalent load capacitance, and the
other a smaller value, such as 1-10 nF, mounted closest
to the VDD and GND pins to carry the higher-frequency
components of the current pulses.
3V3 Internal Regulator
For microcontroller or ASIC applications requiring a low-
power 3.3-V bias, FAN3180 includes an internal 3.3-V
regulator. The regulator is rated to source up to 15 mA
with a typical current limit of 35 mA, shown in Figure 26.
3.290
3.291
3.292
3.293
3.294
3.295
3.296
3.297
3.298
3.299
3.300
0
5
10
15
20
25
30
35
40
I(3V3) (mA)
3V3 vs I(3V3)
VDD=12V, CLoad = 1nF, VIN = 3.3V, 10kHz, 50%
Figure 26.3V3 Regulation vs. I(3V3)
During normal operation, a 0.1 µF ceramic capacitor
should be connected between 3V3 and GND.


同様の部品番号 - FAN3180

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
FAN3180TSX ONSEMI-FAN3180TSX Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
More results

同様の説明 - FAN3180

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN3180 ONSEMI-FAN3180 Datasheet
1Mb / 19P
   Single 2-A Low-Side Driver with 3.3-V LDO
June 2013 Rev. 1.0.3
logo
Diodes Incorporated
DGD0280WTQ DIODES-DGD0280WTQ Datasheet
928Kb / 11P
   AUTOMOTIVE LOW SIDE SINGLE GATE DRIVER WITH LDO
Rev. 2 - 2 December 2022
DGD0280 DIODES-DGD0280 Datasheet
644Kb / 11P
   HIGH SPEED LOW SIDE SINGLE GATE DRIVER WITH LDO
September 2019
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Texas Instruments
UCC44273 TI-UCC44273 Datasheet
1Mb / 28P
[Old version datasheet]   UCC44273 4-A, 4-A Single-Channel Low-Side Driver with 5-V UVLO
OCTOBER 2023
UCC27710 TI1-UCC27710 Datasheet
1Mb / 33P
[Old version datasheet]   620-V, 0.5-A, 1.0-A High-Side Low-Side Gate Driver with Interlock
UCC27712 TI1-UCC27712 Datasheet
1Mb / 39P
[Old version datasheet]   620-V, 1.8-A, 2.8-A High-Side Low-Side Gate Driver with Interlock
UCC27614 TI-UCC27614_V01 Datasheet
3Mb / 39P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
JANUARY 2022
UCC27614 TI-UCC27614 Datasheet
2Mb / 36P
[Old version datasheet]   UCC27614 30-V, 10-A Single Channel Low Side Gate Driver with ??0-V Input Capability
NOVEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com