データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB11683H データシート(PDF) 5 Page - ON Semiconductor

部品番号 LB11683H
部品情報  Three-Phase Sensorless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11683H データシート(HTML) 5 Page - ON Semiconductor

  LB11683H Datasheet HTML 1Page - ON Semiconductor LB11683H Datasheet HTML 2Page - ON Semiconductor LB11683H Datasheet HTML 3Page - ON Semiconductor LB11683H Datasheet HTML 4Page - ON Semiconductor LB11683H Datasheet HTML 5Page - ON Semiconductor LB11683H Datasheet HTML 6Page - ON Semiconductor LB11683H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB11683H
No. A0954-5/7
Pin Functions
Pin
No.
Symbol
Description
Pin Voltage
Equivalent Circuit
1
UOUT
28
VOUT
27
WOUT
3-phase motor driver output
3
RF
Minimum potential of 3-phase motor driver
output transistor.
Constant current control is made through
detection of this voltage. The current limiter
also functions by detecting this potential.
1
27
20
μA
28
30k
Ω
3.9k
Ω
3.9k
Ω
30k
Ω
3
10k
Ω
21
20
19
VCC
22
VCC
Power supply
8 to 13.8V
26
MCOM
Motor coil neutral point input pin.
The coil voltage waveform is detected with
reference to this voltage.
21
UIN
20
VIN
19
WIN
Coil waveform detection comparator input pin.
This pin is connected to each phase output
through the internal 10k
Ω resistor.
21
20
19
200
Ω
27
28
1
200
Ω
26
200
Ω
VCC
18
C1
17
C2
Triangular wave generating capacitor
connection pin.
This triangular wave performs soft-switching of
the coil output waveforms.
18
17
1k
Ω
VREG
1/2VREG-VF
VCC
2S
15
μA15μA5μA
16
CX
In the VCO circuit, the operation frequency
range and minimum operation frequency are
determined by means of the capacitor value
connected this pin and ground.
16
300
Ω
VREG
VCC
100
μA
15
VCOIN
VCO circuit voltage input pin.
The PCOUT pin voltage is input via CR filter.
15
50k
Ω
VREG
VCC
50
μA
50
μA
10k
Ω
1.75V
Continued on next page.


同様の部品番号 - LB11683H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H ONSEMI-LB11683H Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
More results

同様の説明 - LB11683H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11981 SANYO-LB11981 Datasheet
46Kb / 7P
   Three-Phase Sensorless Motor Driver
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
   Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
   Three-Phase Sensorless VCR Drum Motor Driver
logo
Diodes Incorporated
AM9800 DIODES-AM9800 Datasheet
563Kb / 11P
   Three Phase Direct PWM Sensorless Motor Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com