データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2543 データシート(PDF) 6 Page - Allegro MicroSystems

部品番号 2543
部品情報  PROTECTED QUAD POWER DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2543 データシート(HTML) 6 Page - Allegro MicroSystems

  2543 Datasheet HTML 1Page - Allegro MicroSystems 2543 Datasheet HTML 2Page - Allegro MicroSystems 2543 Datasheet HTML 3Page - Allegro MicroSystems 2543 Datasheet HTML 4Page - Allegro MicroSystems 2543 Datasheet HTML 5Page - Allegro MicroSystems 2543 Datasheet HTML 6Page - Allegro MicroSystems 2543 Datasheet HTML 7Page - Allegro MicroSystems 2543 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2543
PROTECTED
QUAD POWER DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
UDN2543EB and UDQ2543EB
Dimensions in Inches
(controlling dimensions)
Dimensions in Millimeters
(for reference only)
NOTES: 1. Exact body and lead configuration at vendor’s option within limits shown.
2. Lead spacing tolerance is non-cumulative
3. Webbed lead frame. Leads 5 through 11 and 19 through 25 are internally one piece.
18
12
0.020
MIN
0.050
BSC
1
28
INDEX AREA
Dwg. MA-005-28A in
0.026
0.032
0.013
0.021
26
25
19
11
4
5
0.165
0.180
0.495
0.485
0.456
0.450
0.495
0.485
0.456
0.450
0.219
0.191
0.219
0.191
0.51
MIN
4.57
4.20
1.27
BSC
12.57
12.32
11.582
11.430
1
28
INDEX AREA
Dwg. MA-005-28A mm
0.812
0.661
0.331
0.533
12.57
12.32
26
25
19
18
12
11
4
5
11.58
11.43
5.56
4.85
5.56
4.85


同様の部品番号 - 2543

メーカー部品番号データシート部品情報
logo
KR Electronics, Inc.
2543 KR-2543 Datasheet
200Kb / 2P
   Bandpass Filter
logo
Heyco.
2543 HEYCO-2543 Datasheet
132Kb / 1P
   Break-Away Bumpers
2543 HEYCO-2543 Datasheet
132Kb / 1P
   Break-Away Bumpers
logo
Eaton All Rights Reserv...
25430-20100 EATON-25430-20100 Datasheet
749Kb / 6P
   LIMITRON??FNQ-R Class CC 600Vac, 1??-30A, time-delay fuses
logo
Alpha Wire
25430/15 ALPHAWIRE-25430/15 Datasheet
98Kb / 4P
   Customer Specification
12/5/2022
More results

同様の説明 - 2543

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
UDK2559LBTR ALLEGRO-UDK2559LBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
UDK2559EBTR ALLEGRO-UDK2559EBTR Datasheet
465Kb / 8P
   Protected Quad Power Driver
2549 ALLEGRO-2549 Datasheet
137Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559 Datasheet
146Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2559 ALLEGRO-A2559 Datasheet
118Kb / 8P
   PROTECTED QUAD POWER DRIVER
2559 ALLEGRO-2559_07 Datasheet
469Kb / 8P
   PROTECTED QUAD POWER DRIVER
A2547 ALLEGRO-A2547 Datasheet
248Kb / 9P
   Protected Quad Driver
October 28, 2005
logo
National Semiconductor ...
DS3668 NSC-DS3668 Datasheet
96Kb / 4P
   Quad Fault Protected Peripheral Driver
logo
Linear Technology
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com