データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A2540SLB データシート(PDF) 5 Page - Allegro MicroSystems

部品番号 A2540SLB
部品情報  QUAD DARLINGTON POWER DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A2540SLB データシート(HTML) 5 Page - Allegro MicroSystems

  A2540SLB Datasheet HTML 1Page - Allegro MicroSystems A2540SLB Datasheet HTML 2Page - Allegro MicroSystems A2540SLB Datasheet HTML 3Page - Allegro MicroSystems A2540SLB Datasheet HTML 4Page - Allegro MicroSystems A2540SLB Datasheet HTML 5Page - Allegro MicroSystems A2540SLB Datasheet HTML 6Page - Allegro MicroSystems A2540SLB Datasheet HTML 7Page - Allegro MicroSystems A2540SLB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2540
QUAD DARLINGTON
POWER DRIVER
www.allegromicro.com
NOTES: 1. Leads 1, 8, 9, and 16 may be half leads at vendor’s option.
2. Lead thickness is measured at seating plane or below.
3. Lead spacing tolerance is non-cumulative.
4. Webbed lead frame. Leads indicated are internally one piece.
5. Exact body and lead configuration at vendor’s option within limits shown.
Dimensions in Millimeters
(for reference only)
0.020
0.008
0.300
BSC
Dwg. MA-001-17A in
0.430
MAX
16
1
8
0.280
0.240
0.210
MAX
0.070
0.045
0.015
MIN
0.022
0.014
0.100
BSC
0.005
MIN
0.150
0.115
9
0.775
0.735
NOTE 4
UDN2540B
Dimensions in Inches
(controlling dimensions)
0.508
0.204
7.62
BSC
Dwg. MA-001-17A mm
10.92
MAX
16
1
8
7.11
6.10
5.33
MAX
1.77
1.15
0.39
MIN
0.558
0.356
2.54
BSC
0.13
MIN
3.81
2.93
9
19.68
18.67
NOTE 4


同様の部品番号 - A2540SLB

メーカー部品番号データシート部品情報
logo
AMIC Technology
A2540PM-F AMICC-A2540PM-F Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A2540PN-F AMICC-A2540PN-F Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A2540PQ-F AMICC-A2540PQ-F Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
More results

同様の説明 - A2540SLB

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
   QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
   Quad Darlington switch
March 2009 Rev 4
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
   QUAD DARLINGTON SWITCH
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
   QUAD DARLINGTON SWITCH
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
   QUAD DARLINGTON SWITCHES
L6221AS STMICROELECTRONICS-L6221AS Datasheet
1Mb / 15P
   QUAD DARLINGTON SWITCH
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
logo
Allegro MicroSystems
2543 ALLEGRO-2543 Datasheet
135Kb / 8P
   PROTECTED QUAD POWER DRIVER
logo
Fairchild Semiconductor
100313 FAIRCHILD-100313 Datasheet
82Kb / 8P
   Low Power Quad Driver
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com