データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TZY2S200A001A00 データシート(PDF) 9 Page - Murata Manufacturing Co., Ltd.

部品番号 TZY2S200A001A00
部品情報  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2S200A001A00 データシート(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button TZY2S200A001A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2S200A001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2S200A001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2S200A001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2S200A001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. TZY2S200A001A00 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. TZY2S200A001A00 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. TZY2S200A001A00 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. TZY2S200A001A00 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26
8
2
Ceramic Trimmer Capacitors
TZS2 Series
s Features
1. Ultra-small and thin type with external dimensions
of 2.2(W)x2.7(L)x0.95(H)mm.
(30% less in volume from the current product.)
2. Unique construction with no plastic material
provides superior soldering heat resistance to
maintain excellent characteristic performance
after reflow soldering.
3. Pierced square hole allows for high resistance to
tuning force and in-process automatic adjustment.
4. Includig the fixed capacitor in parallel with
trimmer capacitor makes reduction of space and
cost of mounting in circuit. Please contact us
about the capacitance value of built-in fixed
capacitor.
s Applications
•Crystal oscillators
•Crystal filters
•Hand radios
•Cordless telephones
•Cellular telephones
•Tuner packs
•Pagers
•Remote keyless entry systems
•PHS
•Radar detectors
•W-LAN
•Compact radios
•Headphone stereos
in mm
Tolerance:
±0.1
2.7
0.6
0.4
0.20 Depth
Part Number
Cmin.
(pF)
Cmax.
(pF)
TC
Q
Rated
Voltage
Withstanding
Voltage
TZS2Z060A001
3.0 max.
6.0 +100/-0%
NP0
±300ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZS2Z100A001
3.5 max.
10.0 +100/-0%
NP0
±300ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
TZS2R200A001
7.0 max.
20.0 +100/-0%
N750
±500ppm/°C
500min. at 1MHz, Cmax.
25Vdc
55Vdc
Insulation Resistance : 10000M ohm min.
Torque : 0.5~5.0mNm
Operating Temperature Range : -25~+85
°C
s Construction
Cover
Metal Rotor
Monolithic
Stator


同様の部品番号 - TZY2S200A001A00

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
TZY2K450A001 MURATA-TZY2K450A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZY2K450A001 MURATA-TZY2K450A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2K450A001B00 MURATA-TZY2K450A001B00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2K450A001B00 MURATA1-TZY2K450A001B00 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2K450A001B00 MURATA1-TZY2K450A001B00_V01 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
More results

同様の説明 - TZY2S200A001A00

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com