データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TZY2P200A001A00 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd.

部品番号 TZY2P200A001A00
部品情報  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2P200A001A00 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  TZY2P200A001A00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZY2P200A001A00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZY2P200A001A00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2P200A001A00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2P200A001A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2P200A001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2P200A001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2P200A001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2P200A001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Part Numbering
2
Selection Guide of CeramicTrimmer Capacitor
3
TZR1 Series
4
TZS2 Series
8
TZY2 Series
13
TZV2 Series
18
TZC3 Series
23
TZB4 Series
28
TZ03 Series
34
Packaging
41
CONTENTS
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26


同様の部品番号 - TZY2P200A001A00

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
TZY2PA001B00 MURATA-TZY2PA001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZY2PB001B00 MURATA-TZY2PB001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZY2PE001B00 MURATA-TZY2PE001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZY2PF001B00 MURATA-TZY2PF001B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
More results

同様の説明 - TZY2P200A001A00

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com