データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC87F1K64AUWA-2H データシート(PDF) 10 Page - ON Semiconductor

部品番号 LC87F1K64AUWA-2H
部品情報  8-bit Microcontroller with USB-host Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F1K64AUWA-2H データシート(HTML) 10 Page - ON Semiconductor

Back Button LC87F1K64AUWA-2H Datasheet HTML 6Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 9Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 10Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 11Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 12Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 13Page - ON Semiconductor LC87F1K64AUWA-2H Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
LC87F1K64A
No.A2197-10/35
Pin Description
Pin Name
I/O
Description
Option
VSS1, VSS2,
VSS3
-
-power supply
No
VDD1, VDD2
-
+power supply
No
VDD3
-
USB reference voltage
Yes
Port 0
P00 to P07
I/O
• 8-bit I/O port
• I/O can be specified in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• HOLD release input
• Port 0 interrupt input
• Pin functions
AD converter input port: AN0 to AN7 (P00 to P07)
On-chip debugger pins: DBGP0 to DBGP2 (P02 to P04)
P05: System clock output / audio interface SDAT I/O
P06: Timer 6 toggle output / audio interface BCLK I/O
P07: Timer 7 toggle output / audio interface LRCK I/O
Yes
Port 1
P10 to P17
I/O
• 8-bit I/O port
• I/O can be specified in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P10: SIO0 data output
P11: SIO0 data input / bus I/O
P12: SIO0 clock I/O
P13: SIO1 data output / SMIIC0 clock I/O
P14: SIO1 data input / bus I/O / SMIIC0 bus I/O / data input
P15: SIO1 clock I/O / SMIIC0 data output (used in 3-wire SIO mode)
P16: Timer 1 PWML output / SMIIC0 bus I/O / data input
P17: Timer 1 PWMH output / buzzer output / SMIIC0 clock I/O
Yes
Port 2
• 6-bit I/O port
• I/O can be specified in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P20 to P23: INT4 input / HOLD release input / timer 1 event input /
timer 0L capture input / timer 0H capture input
P24 to P25: INT5 input / HOLD release input / timer 1 event input /
timer 0L capture input / timer 0H capture input
P20: INT6 input / timer 0L capture 1 input
P22: SIO4 data I/O
P23: SIO4 data I/O
P24: INT7 input / timer 0H capture 1 input / SIO4 clock I/O
Interrupt acknowledge types
Rising
Falling
Rising &
Falling
H Level
L Level
INT4
Enable
Enable
Enable
Disable
Disable
INT5
Enable
Enable
Enable
Disable
Disable
INT6
Enable
Enable
Enable
Disable
Disable
INT7
Enable
Enable
Enable
Disable
Disable
P20 to P25
I/O
Yes
Port 3
P30 to P34
I/O
• 5-bit I/O port
• I/O can be specified in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P30: UART1 transmit
P31: UART1 receive
P33: Connected to audio interface PLL filter circuit (see Fig. 6).
P34: Connected to USB interface PLL filter circuit (see Fig. 5).
Yes
Continued on next page.


同様の部品番号 - LC87F1K64AUWA-2H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC87F1K64AUWA-2H ONSEMI-LC87F1K64AUWA-2H Datasheet
327Kb / 35P
   8-bit Microcontroller
July, 2013 ver.1.02
More results

同様の説明 - LC87F1K64AUWA-2H

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ4B SANYO-LC87F1JJ4B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8B SANYO-LC87F1JJ8B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2B SANYO-LC87F1JJ2B Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com