データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2919 データシート(PDF) 4 Page - Allegro MicroSystems

部品番号 2919
部品情報  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2919 データシート(HTML) 4 Page - Allegro MicroSystems

  2919 Datasheet HTML 1Page - Allegro MicroSystems 2919 Datasheet HTML 2Page - Allegro MicroSystems 2919 Datasheet HTML 3Page - Allegro MicroSystems 2919 Datasheet HTML 4Page - Allegro MicroSystems 2919 Datasheet HTML 5Page - Allegro MicroSystems 2919 Datasheet HTML 6Page - Allegro MicroSystems 2919 Datasheet HTML 7Page - Allegro MicroSystems 2919 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2919
DUAL FULL-BRIDGE
MOTOR DRIVER
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
APPLICATIONS INFORMATION
PWM CURRENT CONTROL
The A2919SB/SLB dual bridges are
designed to drive both windings of a bipolar
stepper motor. Output current is sensed and
controlled independently in each bridge by
an external sense resistor (R
S), internal
comparator, and monostable multivibrator.
When the bridge is turned ON, current
increases in the motor winding and flows
through the external sense resistor until the
sense voltage (V
S) reaches the level set at
the comparator’s input:
I
TRIP = VREF/10 RS
The comparator then triggers the
monostable, which turns OFF the source
driver of the bridge. The actual load current
peak will be slightly higher than the trip point
(especially for low-inductance loads) be-
cause of the internal logic and switching
delays. This delay (t
d) is typically 2 µs. After
turn-off, the motor current decays, circulating
through the ground-clamp diode and sink
transistor. The source driver’s OFF time
(and therefore the magnitude of the current
decrease) is determined by the monostable’s
external RC timing components, where
t
off = RTCT within the range of 20 kΩ to
100 k
Ω and 100 pF to 1000 pF.
When the source driver is re-enabled,
the winding current (the sense voltage) is
again allowed to rise to the comparator’s
threshold. This cycle repeats itself, maintain-
ing the average motor winding current at the
desired level.
Loads with high distributed capacitances
may cause current spikes capable of tripping
the comparator, resulting in erroneous
current control. An external R
CCC time delay
should be used to delay the action of the
comparator. Depending on load type, many
applications will not require these external
components (SENSE connected to E).
PWM OUTPUT CURRENT WAVE FORM
LOAD CURRENT PATHS
+
0
Dwg. WM-003-1A
VPHASE
I
OUT
t
d
t
off
I
TRIP
Dwg. EP-006-1
R S
BB
V
BRIDGE ON
SOURCE OFF
ALL OFF


同様の部品番号 - 2919

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
2919 ALLEGRO-2919 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
KR Electronics, Inc.
2919 KR-2919 Datasheet
49Kb / 2P
   27 MHz Center Frequency
logo
Allegro MicroSystems
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results

同様の説明 - 2919

メーカー部品番号データシート部品情報
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com