データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TZY2K200C001A00 データシート(PDF) 3 Page - Murata Manufacturing Co., Ltd.

部品番号 TZY2K200C001A00
部品情報  Ceramic Trimmer Capacitors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

TZY2K200C001A00 データシート(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  TZY2K200C001A00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. TZY2K200C001A00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. TZY2K200C001A00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. TZY2K200C001A00 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. TZY2K200C001A00 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. TZY2K200C001A00 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. TZY2K200C001A00 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. TZY2K200C001A00 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. TZY2K200C001A00 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
t
A
y
001
q
TZ
u
R00
r
200
e
R
w
Y2
o Part Numbering
The structure of the "Global Part Numbers" that have been adopted since June 2001 and the meaning of each code are described herein.
If you have any questions about details, inquire at your usual Murata sales office or distributor.
()
2
(Global Part Number)
qProduct ID
TZ
Trimmer Capacitors
Product ID
rMaximum Capacitance
Expressed by three figures. The unit is pico-farad(pF). The first
and second figures are significant digits, and the third figure
expresses the number of zeros which follow the two numbers.
If there is a decimal point, it is expressed by the capital letter "
R".
In this case, all figures are significant digits.
Ceramic Trimmer Capacitors
tTerminal Shape
Code
Terminal Shape
A
B
C
D
E
F
N
T
Y
Top Adjustment;
Top Adjustment;
Rear Adjustment;
Top Adjustment;
Rear Adjustment;
Top Adjustment;
Rear Adjustment;
Top Adjustment;
Rear Adjustment;
Top Adjustment;
Side Adjustment;
TZR1,TZS2,TZY2,
TZV2,TZC3,TZB4 (SMD Type)
TZB4 (SMD Type),
TZ03 (Lead Type)
TZB4 (Lead Type)
TZB4 (Lead Type)
TZ03 (Lead Type),
TZB4 (SMD Type)
TZ03 (Lead Type)
TZ03 (Lead Type)
TZ03 (Taping Type)
TZ03 (Lead Type)
uPackaging
Code
A00
B00
M00
R00
R01
Ammo Pack (Radial Taping)
Bulk
Magazine
Reel (Taping ø180mm)
Reel (Taping ø330mm)
Packaging
wSeries/Terminal
Code
03
B4
C3
S2
Y2
V2
R1
6mm Size Lead Type
4mm Size SMD/Lead Type
3mm Size SMD Type
2mm Size SMD Type (Height 1.0mm)
2mm Size SMD Type (Height 1.25mm)
2mm Size SMD Type (Height 1.45mm)
1mm Size SMD Type (Height 0.90mm)
Series/Terminal
eTemperature Characteristics
Code
Z
S
N
T
R
K
P
NP0 ppm/
°C
N150ppm/
°C
N200ppm/
°C
N450ppm/
°C
N750ppm/
°C
N1000ppm/
°C
N1200ppm/
°C
Temperature Characteristics
Please refer to dimensions for terminals in detail.
yIndividual Specification
Code
001
110
169
310
A10
B10
TZR1,TZS2,TZY2 Standard Type
TZV2,TZC3 (Minus Slot) Standard Type
TZ03 Standard Type
TZC3 (Plus Slot) Standard Type
TZB4 No-cover Film Standard Type
TZB4 with Cover Film Standard Type
Individual Specifications
Please refer to ratings for tolerance of temperature characteristics.
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
T13E7.pdf 02.3.26


同様の部品番号 - TZY2K200C001A00

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
TZY2K450A001 MURATA-TZY2K450A001 Datasheet
1Mb / 44P
   Selection Guide of Ceramic Trimmer Capacitors
Aug.10,2012
TZY2K450A001 MURATA-TZY2K450A001 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2K450A001B00 MURATA-TZY2K450A001B00 Datasheet
200Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
logo
Murata Manufacturing Co...
TZY2K450A001B00 MURATA1-TZY2K450A001B00 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2K450A001B00 MURATA1-TZY2K450A001B00_V01 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
More results

同様の説明 - TZY2K200C001A00

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
TZ03N100E169B00 MURATA-TZ03N100E169B00 Datasheet
730Kb / 45P
   Ceramic Trimmer Capacitors
logo
List of Unclassifed Man...
CV05A0601 ETC2-CV05A0601 Datasheet
118Kb / 2P
   Ceramic Trimmer Capacitors
logo
Murata Manufacturing Co...
TZY2Z100A001R00 MURATA-TZY2Z100A001R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZY2R200AC01R00 MURATA-TZY2R200AC01R00 Datasheet
639Kb / 32P
   Ceramic Trimmer Capacitors
TZB4R500AB10R00 MURATA-TZB4R500AB10R00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
TZB4P300AB10R00 MURATA-TZB4P300AB10R00 Datasheet
1Mb / 44P
   Ceramic Trimmer Capacitors
TZ03R121F169B00 MURATA-TZ03R121F169B00 Datasheet
35Kb / 1P
   Ceramic Trimmer Capacitors
logo
Vatronics Technologies ...
VCT6S VATRONICS-VCT6S Datasheet
67Kb / 2P
   Ceramic Trimmer Capacitors 6mm
VCT VATRONICS-VCT Datasheet
64Kb / 2P
   Ceramic Trimmer Capacitors 7mm
VCT5N VATRONICS-VCT5N Datasheet
63Kb / 1P
   Ceramic Trimmer Capacitors 5mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com