データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74AC646N データシート(PDF) 7 Page - ON Semiconductor

部品番号 MC74AC646N
部品情報  Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC646N データシート(HTML) 7 Page - ON Semiconductor

Back Button MC74AC646N Datasheet HTML 3Page - ON Semiconductor MC74AC646N Datasheet HTML 4Page - ON Semiconductor MC74AC646N Datasheet HTML 5Page - ON Semiconductor MC74AC646N Datasheet HTML 6Page - ON Semiconductor MC74AC646N Datasheet HTML 7Page - ON Semiconductor MC74AC646N Datasheet HTML 8Page - ON Semiconductor MC74AC646N Datasheet HTML 9Page - ON Semiconductor MC74AC646N Datasheet HTML 10Page - ON Semiconductor MC74AC646N Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MC74AC646, MC74ACT646
http://onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C
to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
Clock to Bus
5.0
3.5
12.0
14.5
3.0
16.0
ns
3−6
tPHL
Propagation Delay
Clock to Bus
5.0
4.0
12.0
14.5
3.5
16.0
ns
3−6
tPLH
Propagation Delay
Bus to Bus
5.0
3.0
8.5
11.0
2.5
12.0
ns
3−5
tPHL
Propagation Delay
Bus to Bus
5.0
2.5
8.5
11.0
2.0
12.0
ns
3−5
tPLH
Propagation Delay
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
5.0
3.0
9.5
12.0
2.5
13.0
ns
3−6
tPHL
Propagation Delay
SBA or SAB to An or Bn
(w/An or Bn HIGH or LOW)
5.0
3.0
9.5
12.0
2.5
13.0
ns
3−6
tPZH
Enable Time
G to An or Bn
5.0
2.0
9.0
11.0
1.5
12.0
ns
3−7
tPZL
Enable Time
G to An or Bn
5.0
3.5
9.0
11.0
3.0
12.0
ns
3−8
tPHZ
Disable Time
G to An or Bn
5.0
5.0
10.5
13.0
4.5
14.5
ns
3−7
tPLZ
Disable Time
G to An or Bn
5.0
3.5
10.0
12.5
3.0
14.0
ns
3−8
tPZH
Enable Time
DIR to An or Bn
5.0
2.0
6.5
12.5
1.5
13.5
ns
3−7
tPZL
Enable Time
DIR to An or Bn
5.0
3.5
6.5
12.5
3.0
13.5
ns
3−8
tPHZ
Disable Time
DIR to An or Bn
5.0
5.0
8.5
12.5
4.5
13.5
ns
3−7
tPLZ
Disable Time
DIR to An or Bn
5.0
3.5
8.5
12.5
3.0
13.5
ns
3−8
*Voltage Range 5.0 V is 5.0 V ±0.5 V.


同様の部品番号 - MC74AC646N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC646N ONSEMI-MC74AC646N Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
Motorola, Inc
MC74AC646N MOTOROLA-MC74AC646N Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646N ONSEMI-MC74AC646N Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
More results

同様の説明 - MC74AC646N

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_06 Datasheet
161Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?뭝nverting)
March, 2006 ??Rev. 6
MC74AC652 ONSEMI-MC74AC652 Datasheet
158Kb / 11P
   Octal Transceiver/Register with 3?뭆tate Outputs (Non?묲nverting)
March, 2006 ??Rev. 6
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
MC74AC245 ONSEMI-MC74AC245_06 Datasheet
112Kb / 10P
   Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
November, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com