データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HC253MTE4 データシート(PDF) 1 Page - Texas Instruments

部品番号 CD74HC253MTE4
部品情報  High-Speed CMOS Logic Dual 4-Input Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HC253MTE4 データシート(HTML) 1 Page - Texas Instruments

  CD74HC253MTE4 Datasheet HTML 1Page - Texas Instruments CD74HC253MTE4 Datasheet HTML 2Page - Texas Instruments CD74HC253MTE4 Datasheet HTML 3Page - Texas Instruments CD74HC253MTE4 Datasheet HTML 4Page - Texas Instruments CD74HC253MTE4 Datasheet HTML 5Page - Texas Instruments CD74HC253MTE4 Datasheet HTML 6Page - Texas Instruments CD74HC253MTE4 Datasheet HTML 7Page - Texas Instruments CD74HC253MTE4 Datasheet HTML 8Page - Texas Instruments CD74HC253MTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS170B
Features
• Common Select Inputs
• Separate Output-Enable Inputs
• Three-State Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The CD74HC253 and CD74HCT253 are dual 4-to-1 line
selector/multiplexers having three-state outputs. One of four
sources for each section is selected by the common select
inputs, S0 and S1. When the output enable (1OE, 2OE) is
HIGH, the output is in the high-impedance state.
Pinout
CD74HC253, CD74HCT253
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD74HC253E
-55 to 125
16 Ld PDIP
CD74HC253M
-55 to 125
16 Ld SOIC
CD74HC253MT
-55 to 125
16 Ld SOIC
CD74HC253M96
-55 to 125
16 Ld SOIC
CD74HCT253E
-55 to 125
16 Ld PDIP
CD74HCT253M
-55 to 125
16 Ld SOIC
CD74HCT253MT
-55 to 125
16 Ld SOIC
CD74HCT253M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1OE
S1
1I3
1I2
1I1
1I0
GND
1Y
VCC
S0
2I3
2I2
2I1
2I0
2Y
2OE
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
1
CD74HC253,
CD74HCT253
High-Speed CMOS Logic
Dual 4-Input Multiplexer
[ /Title
(CD74
HC253
,
CD74
HCT25
3)
/Sub-
ject
(High
Speed
CMOS
Logic
Dual
4-Input
Multi-
plexer)


同様の部品番号 - CD74HC253MTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC253MTE4 TI-CD74HC253MTE4 Datasheet
388Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
More results

同様の説明 - CD74HC253MTE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HC253M TI-CD74HC253M Datasheet
388Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC153 TI-CD74HC153 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
CD74HC253 TI-CD74HC253 Datasheet
58Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input Multiplexer
logo
Pericom Semiconductor C...
PI74FCT153T PERICOM-PI74FCT153T Datasheet
48Kb / 5P
   High-Speed CMOS Dual 4-Input Multiplexer
logo
Integrated Device Techn...
IDTQS74FCT253AT IDT-IDTQS74FCT253AT Datasheet
69Kb / 6P
   HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER
IDTQS74FCT153AT IDT-IDTQS74FCT153AT Datasheet
68Kb / 6P
   HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER
logo
Texas Instruments
CD74HC151 TI-CD74HC151 Datasheet
42Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151_07 Datasheet
411Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC151 TI-CD54HC151 Datasheet
267Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com