データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM388 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM388
部品情報  DM385 and DM388 DaVinci??Digital Media Processor
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DM388 データシート(HTML) 4 Page - Texas Instruments

  DM388 Datasheet HTML 1Page - Texas Instruments DM388 Datasheet HTML 2Page - Texas Instruments DM388 Datasheet HTML 3Page - Texas Instruments DM388 Datasheet HTML 4Page - Texas Instruments DM388 Datasheet HTML 5Page - Texas Instruments DM388 Datasheet HTML 6Page - Texas Instruments DM388 Datasheet HTML 7Page - Texas Instruments DM388 Datasheet HTML 8Page - Texas Instruments DM388 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 280 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
1.3
Description
DM385 and DM388 DaVinci Digital Media Processors are a highly integrated, cost-effective, low-power,
programmable platform that leverages TI’s DaVinci processor technology to meet the processing needs of
HD Video Conferencing - Skype endpoints, IP Netcam, Digital Signage, Media Players and Adapters,
Mobile Medical Imaging, Network Projectors, Home Audio and Video Equipment, and similar devices in
SD, HD, and 4K x 2K resolutions. The Programmable High-Definition Video Image Processor of the
device supports 1080p60 of real time H.264BP/MP/HP video encode or decode. The included best-in-
class H.264 encoder provides high-quality video encode for the lowest possible bit rate under all
conditions, reducing valuable storage space to a minimum. In addition, the device also supports other
video codecs such as MJPEG, MPEG-2, and MPEG-4. The device provides a full set of video
preprocessing and postprocessing functions to ensure the best video quality. The low power consumption
and high performance of the device makes it particularly suitable for portable and automotive applications.
The DM388 is uniquely capable of running the Fourth-Generation Motion-Compensated Noise Filtering
technology of TI.
The device enables original-equipment manufacturers (OEMs) and original-design manufacturers (ODMs)
to quickly bring to market devices featuring robust operating systems support, rich user interfaces, and
high processing performance through the maximum flexibility of a fully integrated mixed processor
solution. The device also combines programmable video and audio processing with a highly integrated
peripheral set.
The device processors include a high-definition video and imaging coprocessor 2 (HDVICP2), to off-load
many video and imaging processing tasks for common video and imaging algorithms. Programmability is
provided by an ARM Cortex-A8 RISC CPU with NEON extension and high-definition video and imaging
coprocessors. The ARM lets developers separate control functions from A/V algorithms programmed on
coprocessors, thus reducing the complexity of the system software. The ARM Cortex-A8 32-bit RISC
processor with NEON floating-point extension includes: 32KB of instruction cache; 32KB of data cache;
256KB of L2 cache with ECC; 48KB of boot ROM; and 64KB of RAM.
The rich peripheral set provides the ability to control external peripheral devices and communicate with
external processors. For details on each peripheral, see the related sections in this document and the
associated peripheral reference guides. The peripheral set includes: HD Video Processing Subsystem;
Dual-Port Gigabit Ethernet MACs (10/100/1000 Mbps) (Ethernet Switch) with MII/RMII/GMII/RGMII and
MDIO interface supporting IEEE 1588 Time-Stamping, and Industrial Ethernet Protocols; two USB ports
with integrated 2.0 PHY; PCIe x1 GEN2-Compliant interface; two serializer McASP audio serial ports (with
DIT mode); three UARTs with IrDA and CIR support; four SPI serial interfaces; a CSI2 serial connection;
three MMC/SD/SDIO serial interfaces; four I2C master and slave interfaces; a parallel camera interface
(CAM); up to 125 general-purpose I/Os (GPIOs); eight 32-bit general-purpose timers; system watchdog
timer; DDR2/DDR3/DDR3L SDRAM interface; flexible 8- or 16-bit asynchronous memory interface; a Spin
Lock; and Mailbox.
Additionally, TI provides a complete set of development tools for the ARM which include C compilers and
a Microsoft® Windows® debugger interface for visibility into source code execution.
4
High-Performance System-on-Chip (SoC)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388


同様の部品番号 - DM388

メーカー部品番号データシート部品情報
logo
Texas Instruments
DM388 TI1-DM388 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM388AAAR11 TI1-DM388AAAR11 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM388AAAR11F TI1-DM388AAAR11F Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM388AAAR21 TI1-DM388AAAR21 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
DM388AAAR21F TI1-DM388AAAR21F Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
More results

同様の説明 - DM388

メーカー部品番号データシート部品情報
logo
Texas Instruments
DM385 TI-DM385_15 Datasheet
1Mb / 281P
[Old version datasheet]   DM385 and DM388 DaVinci??Digital Media Processor
DM383 TI1-DM383 Datasheet
2Mb / 267P
[Old version datasheet]   DaVinci Digital Media Processor
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
[Old version datasheet]   DaVinci Digital Media Processor
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
[Old version datasheet]   DaVinci Digital Media Processors
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
[Old version datasheet]   TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 343P
[Old version datasheet]   TMS320DM814x DaVinci??Digital Media Processors
MARCH2011
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
[Old version datasheet]   TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com