データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMR22007YYZFR データシート(PDF) 6 Page - Texas Instruments

部品番号 LMR22007YYZFR
部品情報  LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMR22007YYZFR データシート(HTML) 6 Page - Texas Instruments

Back Button LMR22007YYZFR Datasheet HTML 2Page - Texas Instruments LMR22007YYZFR Datasheet HTML 3Page - Texas Instruments LMR22007YYZFR Datasheet HTML 4Page - Texas Instruments LMR22007YYZFR Datasheet HTML 5Page - Texas Instruments LMR22007YYZFR Datasheet HTML 6Page - Texas Instruments LMR22007YYZFR Datasheet HTML 7Page - Texas Instruments LMR22007YYZFR Datasheet HTML 8Page - Texas Instruments LMR22007YYZFR Datasheet HTML 9Page - Texas Instruments LMR22007YYZFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Load (A)
3.3Vin @ 25C
3.3Vin @ 85C
5Vin @ 25C
5Vin @ 85C
9Vin @ 25C
9Vin @ 85C
12Vin @ 25C
12Vin @ 85C
15Vin @ 25C
15Vin @ 85C
20Vin @ 25C
20Vin @ 85C
C001
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
3.3Vin
5Vin
9Vin
12Vin
15Vin
20Vin
C002
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
5Vin
9Vin
12Vin
15Vin
20Vin
C007
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
5Vin
9Vin
12Vin
15Vin
20Vin
C008
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Load (A)
9Vin
12Vin
15Vin
20Vin
C003
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Load (A)
5Vin @ 25C
5Vin @ 85C
9Vin @ 25C
9Vin @ 85C
12Vin @ 25C
12Vin @ 85C
15Vin @ 25C
15Vin @ 85C
20Vin @ 25C
20Vin @ 85C
C006
LMR22007
SNVS985A – OCTOBER 2013 – REVISED OCTOBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Efficiency 5V @-40°C
Power Dissipation 3.3V
Figure 9.
Figure 10.
Efficiency 3.3V @85°C
Efficiency 3.3V @25°C
Figure 11.
Figure 12.
Power Dissipation 2.5V
Efficiency 2.5V @85°C
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMR22007


同様の部品番号 - LMR22007YYZFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR22007YYZFR TI1-LMR22007YYZFR Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
More results

同様の説明 - LMR22007YYZFR

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMR22007 TI1-LMR22007 Datasheet
2Mb / 24P
[Old version datasheet]   LMR22007 2.7V - 20V, 750mA Step-Down Converter with Adjustable Input Current Limit
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
   2A Step-Down Converter with Adjustable Input Current Limit
logo
MPS Industries, Inc.
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
   16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
   2A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
logo
Monolithic Power System...
MPQ8623 MPS-MPQ8623 Datasheet
1Mb / 20P
   16V, 6A, High Efficiency, Synchronous, Step-Down Converter with Adjustable Current Limit
MPQ8626 MPS-MPQ8626 Datasheet
1Mb / 23P
   16V, 6A, High Efficiency, Synchronous,Step-Down Converter with Adjustable Current Limit
Rev. 1.1 8/16/2022
logo
National Semiconductor ...
LM2679 NSC-LM2679 Datasheet
355Kb / 24P
   SIMPLE SWITCHER 5A Step-Down Voltage Regulator with Adjustable Current Limit
LM2673 NSC-LM2673 Datasheet
451Kb / 26P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com