データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV821M7XNOPB データシート(PDF) 5 Page - Texas Instruments

部品番号 LMV821M7XNOPB
部品情報  LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV821M7XNOPB データシート(HTML) 5 Page - Texas Instruments

  LMV821M7XNOPB Datasheet HTML 1Page - Texas Instruments LMV821M7XNOPB Datasheet HTML 2Page - Texas Instruments LMV821M7XNOPB Datasheet HTML 3Page - Texas Instruments LMV821M7XNOPB Datasheet HTML 4Page - Texas Instruments LMV821M7XNOPB Datasheet HTML 5Page - Texas Instruments LMV821M7XNOPB Datasheet HTML 6Page - Texas Instruments LMV821M7XNOPB Datasheet HTML 7Page - Texas Instruments LMV821M7XNOPB Datasheet HTML 8Page - Texas Instruments LMV821M7XNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LMV821-N, LMV822-N, LMV822-N-Q1
LMV824-N, LMV824-N-Q1
www.ti.com
SNOS032G – AUGUST 1999 – REVISED NOVEMBER 2013
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 5V, V = 0V, V
CM = 2.0V, VO = 2.5V and R L > 1 MΩ.
Boldface limits apply at the temperature extremes (
−40°C ≤T J ≤85°C for LMV821/822/824 and −40°C ≤T J ≤125°C for
LMV822-Q1/LMV824-Q1).
Typ
LMV821/822/824
Symbol
Parameter
Condition
Units
(1)
Limit (2)
VOS
Input Offset Voltage
LMV821/822/822-Q1/824
3.5
mV
1
4.0
max
LMV824-Q1
1
5.5
TCVOS
Input Offset Voltage Average Drift
1
μV/°C
IB
Input Bias Current
100
nA
40
150
max
IOS
Input Offset Current
30
nA
0.5
50
max
CMRR
Common Mode Rejection Ratio
0V
≤ VCM ≤ 4.0V
72
dB
90
70
min
+PSRR
Positive Power Supply Rejection
1.7V
≤ V+ ≤ 4V, V- = 1V, VO = 0V,
75
dB
Ratio
VCM = 0V
85
70
min
LMV821/822/824/824-Q1
LMV822-Q1
85
75
dB
−PSRR
Negative Power Supply Rejection
-1.0V
≤ V- ≤ -3.3V, V+ = 1.7V, VO
73
dB
Ratio
= 0V, VCM = 0V
85
70
min
LMV821/822/824/824-Q1
LMV822-Q1
85
73
dB
VCM
Input Common-Mode Voltage
For CMRR
≥ 50dB
-0.3
-0.2
V
Range
4.3
4.2
V
AV
Large Signal Voltage Gain
Sourcing, RL = 600Ω to 1.35V,
95
dB
VO = 1.35V to 2.2V;
105
90
min
LMV821/822/824
LMV822-Q1/LMV824-Q1
105
95
dB
Sinking, RL = 600Ω to 1.35V,
95
dB
VO = 1.35V to 0.5V
105
90
min
LMV821/822/824
LMV822-Q1/LMV824-Q1
105
95
dB
Sourcing, RL =2kΩ to 1.35V,
95
dB
VO = 1.35V to 2.2V;
105
90
min
LMV821/822/824
LMV822-Q1/LMV824-Q1
105
95
dB
Sinking, RL = 2kΩ to 1.35V,
95
dB
VO = 1.35V to 0.5V
105
90
min
LMV821/822/824
LMV822-Q1/LMV824-Q1
105
95
dB
V O
Output Swing
V+ = 5V,RL = 600Ω to 2.5V
4.75
4.84
4.70
V
min
V+ = 5V,RL = 600Ω to 2.5V
4.84
4.60
(LMV824-Q1)
V+ = 5V,RL = 600Ω to 2.5V
0.250
0.17
0.30
V
max
V+ = 5V,RL = 600Ω to 2.5V
0.17
0.40
(LMV824-Q1)
V+ = 5V, RL = 2kΩ to 2.5V
4.85
V
4.90
4.80
min
0.15
V
0.10
0.20
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMV821-N LMV822-N LMV822-N-Q1 LMV824-N LMV824-N-Q1


同様の部品番号 - LMV821M7XNOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LMV821M7X NSC-LMV821M7X Datasheet
1Mb / 24P
   Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
logo
Texas Instruments
LMV821M7X TI1-LMV821M7X Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821M7X TI1-LMV821M7X Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV821M7X/NOPB TI1-LMV821M7X/NOPB Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

同様の説明 - LMV821M7XNOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com