データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV824Q1MANOPB データシート(PDF) 7 Page - Texas Instruments

部品番号 LMV824Q1MANOPB
部品情報  LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV824Q1MANOPB データシート(HTML) 7 Page - Texas Instruments

Back Button LMV824Q1MANOPB Datasheet HTML 3Page - Texas Instruments LMV824Q1MANOPB Datasheet HTML 4Page - Texas Instruments LMV824Q1MANOPB Datasheet HTML 5Page - Texas Instruments LMV824Q1MANOPB Datasheet HTML 6Page - Texas Instruments LMV824Q1MANOPB Datasheet HTML 7Page - Texas Instruments LMV824Q1MANOPB Datasheet HTML 8Page - Texas Instruments LMV824Q1MANOPB Datasheet HTML 9Page - Texas Instruments LMV824Q1MANOPB Datasheet HTML 10Page - Texas Instruments LMV824Q1MANOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LMV821-N, LMV822-N, LMV822-N-Q1
LMV824-N, LMV824-N-Q1
www.ti.com
SNOS032G – AUGUST 1999 – REVISED NOVEMBER 2013
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 5V, V = 0V, V
CM = 2V, VO = 2.5V and R L > 1 MΩ.
Boldface limits apply at the temperature extremes (
−40°C ≤T J ≤85°C for LMV821/822/824 and −40°C ≤T J ≤125°C for
LMV822-Q1/LMV824-Q1).
Typ
LMV821/822/824 Limit (2)
Symbol
Parameter
Conditions
Units
(1)
SR
Slew Rate
(3)
2.0
1.4
V/
μs min
GBW
Gain-Bandwdth Product
5.6
MHz
Φm
Phase Margin
67
Deg.
Gm
Gain Margin
15
dB
Amp-to-Amp Isolation
(4)
135
dB
en
Input-Related Voltage Noise
f = 1 kHz, VCM = 1V
24
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.25
pA/
√Hz
THD
Total Harmonic Distortion
f = 1 kHz, AV = −2,
0.01
%
RL = 10 kΩ, VO = 4.1 V PP
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
V+ = 5V. Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.
(4)
Input referred, V+ = 5V and RL = 100kΩ connected to 2.5V. Each amp excited in turn with 1 kHz to produce V O = 3 VPP.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV821-N LMV822-N LMV822-N-Q1 LMV824-N LMV824-N-Q1


同様の部品番号 - LMV824Q1MANOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV824Q1MA TI1-LMV824Q1MA Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824Q1MA/NOPB TI1-LMV824Q1MA/NOPB Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824Q1MAX TI1-LMV824Q1MAX Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824Q1MAX/NOPB TI1-LMV824Q1MAX/NOPB Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

同様の説明 - LMV824Q1MANOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com