データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV824Q1MAXNOPB データシート(PDF) 4 Page - Texas Instruments

部品番号 LMV824Q1MAXNOPB
部品情報  LMV821-N/LMV822-N/LMV822-N-Q1/LMV824/LMV824-N-Q1 Single/Dual/Quad Low Voltage
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV824Q1MAXNOPB データシート(HTML) 4 Page - Texas Instruments

  LMV824Q1MAXNOPB Datasheet HTML 1Page - Texas Instruments LMV824Q1MAXNOPB Datasheet HTML 2Page - Texas Instruments LMV824Q1MAXNOPB Datasheet HTML 3Page - Texas Instruments LMV824Q1MAXNOPB Datasheet HTML 4Page - Texas Instruments LMV824Q1MAXNOPB Datasheet HTML 5Page - Texas Instruments LMV824Q1MAXNOPB Datasheet HTML 6Page - Texas Instruments LMV824Q1MAXNOPB Datasheet HTML 7Page - Texas Instruments LMV824Q1MAXNOPB Datasheet HTML 8Page - Texas Instruments LMV824Q1MAXNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LMV821-N, LMV822-N, LMV822-N-Q1
LMV824-N, LMV824-N-Q1
SNOS032G – AUGUST 1999 – REVISED NOVEMBER 2013
www.ti.com
2.7V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1 MΩ.
Boldface limits apply at the temperature extremes (
−40°C ≤T J ≤85°C for LMV821/822/824 and −40°C ≤T J ≤125°C for
LMV822-Q1/LMV824-Q1).
Typ
LMV821/822/824
Symbol
Parameter
Condition
Units
(1)
Limit (2)
IS
Supply Current
LMV821 (Single)
0.3
mA
0.22
0.5
max
LMV822 (Dual)
0.6
mA
0.45
0.8
max
LMV824 (Quad)
1.0
mA
0.72
1.2
max
2.5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 2.5V, V = 0V, V
CM = 1.0V, VO = 1.25V and R L > 1 MΩ.
Boldface limits apply at the temperature extremes (
−40°C ≤T J ≤85°C for LMV821/822/824 and −40°C ≤T J ≤125°C for
LMV822-Q1/LMV824-Q1).
Typ
LMV821/822/824
Symbol
Parameter
Condition
Units
(1)
Limit (2)
VOS
Input Offset Voltage
LMV821/822/822-Q1/824
3.5
mV
1
4
max
LMV824-Q1
1
5.5
V O
Output Swing
2.30
V
2.37
2.20
min
V+ = 2.5V, RL = 600Ω to 1.25V
0.20
V
0.13
0.30
max
2.40
V
2.46
2.30
min
V+ = 2.5V, RL = 2kΩ to 1.25V
0.12
V
0.08
0.20
max
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
2.7V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TJ = 25°C. V
+ = 2.7V, V = 0V, V
CM = 1.0V, VO = 1.35V and R L > 1 MΩ.
Boldface limits apply at the temperature extremes (
−40°C ≤T J ≤85°C for LMV821/822/824 and −40°C ≤T J ≤125°C for
LMV822-Q1/LMV824-Q1).
Typ
LMV821/822/824 Limit (2)
Symbol
Parameter
Conditions
Units
(1)
SR
Slew Rate
(3)
1.5
V/
μs
GBW
Gain-Bandwdth Product
5
MHz
Φm
Phase Margin
61
Deg.
Gm
Gain Margin
10
dB
Amp-to-Amp Isolation
(4)
135
dB
en
Input-Related Voltage Noise
f = 1 kHz, VCM = 1V
28
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.1
pA/
√Hz
THD
Total Harmonic Distortion
f = 1 kHz, AV = −2,
0.01
%
RL = 10 kΩ, VO = 4.1 V PP
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are guaranteed by testing or statistical analysis.
(3)
V+ = 5V. Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.
(4)
Input referred, V+ = 5V and RL = 100kΩ connected to 2.5V. Each amp excited in turn with 1 kHz to produce V O = 3 VPP.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LMV821-N LMV822-N LMV822-N-Q1 LMV824-N LMV824-N-Q1


同様の部品番号 - LMV824Q1MAXNOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV824Q1MAX TI1-LMV824Q1MAX Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV824Q1MAX/NOPB TI1-LMV824Q1MAX/NOPB Datasheet
2Mb / 46P
[Old version datasheet]   Single/Dual/Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
More results

同様の説明 - LMV824Q1MAXNOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMV821 TI1-LMV821 Datasheet
1Mb / 26P
[Old version datasheet]   Single/ LMV822 Dual/ LMV824 Quad Low Voltage, Low Power, R-to-R Output, 5 MHz Op Amps
LMV932MM_NOPB TI1-LMV932MM_NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N TI-LMV931-N Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931-N-Q1 TI-LMV931-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV934-N-Q1 TI-LMV934-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV932-N-Q1 TI-LMV932-N-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   LMV93x-N/-N-Q1 Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com