データシートサーチシステム |
|
SA13AG データシート(PDF) 2 Page - ON Semiconductor |
|
SA13AG データシート(HTML) 2 Page - ON Semiconductor |
2 / 5 page SA5.0A Series http://onsemi.com 2 MAXIMUM RATINGS Rating Symbol Value Unit Peak Power Dissipation (Note 1) @ TL ≤ 25°C PPK 500 W Steady State Power Dissipation @ TL ≤ 25°C, Lead Length = 3/8 in Derated above TL = 50°C PD 3.0 30 W mW/°C Thermal Resistance, Junction−to−Lead RqJL 33.3 °C/W Forward Surge Current (Note 2) @ TA = 25°C IFSM 70 A Operating and Storage Temperature Range TJ, Tstg − 55 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Nonrepetitive current pulse per Figure 4 and derated above TA = 25°C per Figure 5. 2. 1/2 sine wave (or equivalent square wave), PW = 8.3 ms, duty cycle = 4 pulses per minute. ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 3.5 V Max. @ IF (Note 6) = 35 A) Symbol Parameter IPP Maximum Reverse Peak Pulse Current VC Clamping Voltage @ IPP VRWM Working Peak Reverse Voltage IR Maximum Reverse Leakage Current @ VRWM VBR Breakdown Voltage @ IT IT Test Current QVBR Maximum Temperature Variation of VBR IF Forward Current VF Forward Voltage @ IF Uni−Directional TVS IPP IF V I IR IT VRWM VC VBR VF |
同様の部品番号 - SA13AG |
|
同様の説明 - SA13AG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |