データシートサーチシステム |
|
TPD1S414 データシート(PDF) 4 Page - Texas Instruments |
|
|
TPD1S414 データシート(HTML) 4 Page - Texas Instruments |
4 / 18 page TPD1S414 SLLSEH9A – OCTOBER 2013 – REVISED OCTOBER 2013 www.ti.com RECOMMENDED OPERATING CONDITIONS over operating free-air temperature range (unless otherwise noted) PARAMETER MIN NOM MAX UNIT VBUS_CON Supply voltage from USB connector 5.9 V VBUS_SYS Internal Supply DC voltage Rail on the PCB 5.9 V CLOAD Output load capacitance VBUS_SYS pin 2.2 µF CIN Input capacitance VBUS_CON pin 1 µF RPULLUP Pull up resistor ACK pin 4.3 100 k Ω VBUS_CON IVBUS Continuous current on VBUS_CON and VBUS_SYS pins 3.5 A VBUS_SYS IDIODE Continuous current through the FET body diode 1 A SUPPLY CURRENT CONSUMPTION over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Measured at VBUS_CON pin, IVBUS_SLEEP 30 70 µA VBUS_CON = 5 V, EN =5V VBUS_CON Operating Current Consumption Measured at VBUS_CON pin, IVBUS 175 373 µA VBUS_CON = 5 V, EN 0 V and no load Measured at VBUS_SYS pin, VBUS_CON Operating Current IVBUS_SYS VBUS_SYS = 5 V, EN = 0 V and 175 373 µA Consumption VBUS_CON = Hi Z Measured at VBUS_SYS. IHOST_LEAK Host Mode Leakage current VBUS_CON = Hi Z, EN = 5 V, 90 200 µA VBUS_SYS = 5V ELECTRICAL CHARACTERISTICS (EN, ACK PINS) over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIH High-level input voltage, EN 1.2 6 V VIL Low-level input voltage, EN 0.8 V IIL Input Leakage Current EN VI = 3.3 V 1 µA VOL Low-level output voltage, ACK IOL = 3 mA 0.4 V ELECTRICAL CHARACTERISTICS (OVP CIRCUIT) over operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Input overvoltage protection VOVP_RISING VBUS_CON increasing from 5 V 6 6.2 6.4 V threshold, VBUS_CON VBUS_CON decreasing from 7 V to VHYS_OVP Hysteresis on OVP, VBUS_CON 50 mV 5 V Input overvoltage protection VBUS_CON decreasing from 7 V to VOVP_FALLING 5.93 6.37 V threshold, VBUS_CON 5 V Input under voltage lockout, VBUS_CON voltage rising from 0 V VUVLO 3.1 3.3 3.5 V VBUS_CON to 5 V Difference between rising and VHYS_UVLO Hysteresis on UVLO, VBUS_CON 100 mV falling UVLO thresholds Input under voltage lockout, VBUS_CON voltage rising from 5 V VUVLO_FALLING 3 3.2 3.4 V VBUS_CON to 0 V VBUS_SYS under voltage lockout, VBUS_SYS voltage rising from 0 V VUVLO_SYS 3.1 3.6 4.3 V VBUS_SYS to 5 V 4 Submit Documentation Feedback Copyright © 2013, Texas Instruments Incorporated Product Folder Links: TPD1S414 |
同様の部品番号 - TPD1S414 |
|
同様の説明 - TPD1S414 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |