データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV431ALPREG データシート(PDF) 2 Page - ON Semiconductor

部品番号 TLV431ALPREG
部品情報  Low Voltage Precision Adjustable Shunt Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TLV431ALPREG データシート(HTML) 2 Page - ON Semiconductor

  TLV431ALPREG Datasheet HTML 1Page - ON Semiconductor TLV431ALPREG Datasheet HTML 2Page - ON Semiconductor TLV431ALPREG Datasheet HTML 3Page - ON Semiconductor TLV431ALPREG Datasheet HTML 4Page - ON Semiconductor TLV431ALPREG Datasheet HTML 5Page - ON Semiconductor TLV431ALPREG Datasheet HTML 6Page - ON Semiconductor TLV431ALPREG Datasheet HTML 7Page - ON Semiconductor TLV431ALPREG Datasheet HTML 8Page - ON Semiconductor TLV431ALPREG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TLV431A, TLV431B, SCV431B
http://onsemi.com
2
Reference (R)
Cathode (K)
Anode (A)
Anode (A)
Reference (R)
Cathode (K)
The device contains 13 active transistors.
Device Symbol
Figure 2. Representative Device Symbol and Schematic Diagram
MAXIMUM RATINGS (Full operating ambient temperature range applies, unless otherwise noted)
Rating
Symbol
Value
Unit
Cathode to Anode Voltage
VKA
18
V
Cathode Current Range, Continuous
IK
−20 to 25
mA
Reference Input Current Range, Continuous
Iref
*0.05 to 10
mA
Thermal Characteristics
LP Suffix Package, TO−92−3 Package
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
SN Suffix Package, TSOP−5 Package
Thermal Resistance, Junction−to−Ambient
SN1 Suffix Package, SOT−23−3 Package
Thermal Resistance, Junction−to−Ambient
RqJA
RqJC
RqJA
RqJA
178
83
226
491
°C/W
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
*40 to 85
°C
Storage Temperature Range
Tstg
*65 to 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
NOTE: This device series contains ESD protection and exceeds the following tests: Human Body Model 2000 V per MIL−STD−883,
Method 3015. Machine Model Method 200 V.
PD +
TJ(max) * TA
RqJA
RECOMMENDED OPERATING CONDITIONS
Condition
Symbol
Min
Max
Unit
Cathode to Anode Voltage
VKA
Vref
16
V
Cathode Current
IK
0.1
20
mA


同様の部品番号 - TLV431ALPREG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
TLV431ALPREG ONSEMI-TLV431ALPREG Datasheet
187Kb / 14P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2005 ??Rev. 7
TLV431ALPREG ONSEMI-TLV431ALPREG Datasheet
167Kb / 17P
   Low Voltage Precision Adjustable Shunt Regulator
February, 2016 ??Rev. 21
TLV431ALPREG ONSEMI-TLV431ALPREG Datasheet
394Kb / 19P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2020 ??Rev. 26
More results

同様の説明 - TLV431ALPREG

メーカー部品番号データシート部品情報
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
   LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
   Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
   Low-Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
   Low Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
AT431 ETC1-AT431 Datasheet
355Kb / 14P
   Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com