データシートサーチシステム |
|
AD5207BRU10-REEL7 データシート(PDF) 10 Page - Analog Devices |
|
AD5207BRU10-REEL7 データシート(HTML) 10 Page - Analog Devices |
10 / 16 page REV. 0 AD5207 –10– The data setup and data hold times in the specification table determine the data valid time requirements. The last ten bits of the data word entered into the serial register are held when CS returns high and any extra bits are ignored. At the same time, when CS goes high, it gates the address decoder enabling one of two positive edge-triggered AD5207 RDAC latches; see Figure 5 detail. SDI CLK CS CK RS D Q SERIAL REGISTER SDO SHDN INTERNAL RS Figure 4. Detail SDO Output Schematic of the AD5207 The target RDAC latch is loaded with the last eight bits of the data word to complete one RDAC update. For AD5207, it cannot update both channels simultaneously and therefore, two separate 10-bit data words must be clocked in to change both VR settings. RDAC1 RDAC2 ADDR DECODE SERIAL REGISTER AD5207 SDI CLK CS Figure 5. Equivalent Input Control Logic All digital inputs are protected with a series input resistor and parallel Zener ESD structure shown in Figures 6 and 7. Applies to digital input pins CS, SDI, SDO, SHDN, and CLK. Digital input level for Logic 1 can be anywhere from 2.4 V to 5 V regardless of whether it is in single or dual supplies. 340 VSS LOGIC DIGITAL PIN Figure 6. ESD Protection of Digital Pins A,B,W VSS Figure 7. ESD Protection of Resistor Terminals D7 D6 D5 D4 D3 D2 D1 D0 RDAC LATCH AND DECODER RS RS RS RS SHDN Ax Wx Bx Figure 8. Equivalent RDAC Circuit PROGRAMMING THE VARIABLE RESISTOR Rheostat Operation The nominal resistance of the RDAC between Terminals A and B is available with values of 10 k Ω, 50 kΩ, and 100 kΩ. The last few digits of the part number determine the nominal resistance value, e.g., 10 k Ω = 10; 50 kΩ = 50; and 100 kΩ = 100. The nominal resistance (RAB) of the VR has 256 contact points accessed by the wiper terminal, plus the B Terminal contact. The 8-bit data in the RDAC latch is decoded to select one of the 256 possible settings. Assume a 10 k Ω part is used, the wiper’s first connection starts at the B Terminal for data 00H. Since there is a 45 Ω wiper contact resistance, such connection yields a minimum of 45 Ω resistance between Terminals W and B. The second connection is the first tap point corresponds to 84 Ω (R WB = RAB/256 + RW = 39 Ω + 45 Ω) for data 01 H. The third connection is the next tap point representing 123 Ω (39 × 2 + 45) for data 02H and so on. Each LSB value increase moves the wiper up the resistor ladder until the last tap point is reached at 10006 Ω (RAB – 1 LSB + RW). Figure 8 shows a simplified dia- gram of the equivalent RDAC circuit. The general equation determining the programmable output resistance between W and B is: RD D RR WB AB W () =× + 256 (1) where D is the data contained in the 8-bit RDAC latch, and RAB is the nominal end-to-end resistance. For example, RAB =10 k Ω, A Terminal can be open-circuit or tied to W. The following output resistance RWB will be set for the following RDAC latch codes. |
同様の部品番号 - AD5207BRU10-REEL7 |
|
同様の説明 - AD5207BRU10-REEL7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |