データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC081C021CIMK データシート(PDF) 7 Page - Texas Instruments

部品番号 ADC081C021CIMK
部品情報  ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

ADC081C021CIMK データシート(HTML) 7 Page - Texas Instruments

Back Button ADC081C021CIMK Datasheet HTML 3Page - Texas Instruments ADC081C021CIMK Datasheet HTML 4Page - Texas Instruments ADC081C021CIMK Datasheet HTML 5Page - Texas Instruments ADC081C021CIMK Datasheet HTML 6Page - Texas Instruments ADC081C021CIMK Datasheet HTML 7Page - Texas Instruments ADC081C021CIMK Datasheet HTML 8Page - Texas Instruments ADC081C021CIMK Datasheet HTML 9Page - Texas Instruments ADC081C021CIMK Datasheet HTML 10Page - Texas Instruments ADC081C021CIMK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
ADC081C021, ADC081C027
www.ti.com
SNAS447C – FEBRUARY 2008 – REVISED MARCH 2013
Electrical Characteristics (continued)
The following specifications apply for VA = +2.7V to +5.5V, GND = 0V, fSCL up to 3.4MHz, fIN = 1kHz for fSCL up to 400kHz, fIN
= 10kHz for fSCL = 3.4MHz unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
unless otherwise noted.
Symbol
Parameter
Conditions
Typical(1)
Limits(1)
Units (Limits)
IIN
Input Current(3)
±1
µA (max)
LOGIC OUTPUT CHARACTERISTICS, OPEN-DRAIN (SDA, ALERT)
ISINK = 3 mA
0.4
V (max)
VOL
Output Low Voltage
ISINK = 6 mA
0.6
V (max)
High-Impedence Output Leakage
IOZ
±1
µA (max)
Current(3)
Output Coding
Straight (Natural) Binary
POWER REQUIREMENTS
Supply Voltage Minimum
2.7
V (min)
VA
Supply Voltage Maximum
5.5
V (max)
Continuous Operation Mode -- 2-wire interface active.
VA = 2.7V to 3.6V
0.08
0.14
mA (max)
fSCL=400kHz
VA = 4.5V to 5.5V
0.16
0.30
mA (max)
IN
Supply Current
VA = 2.7V to 3.6V
0.37
0.55
mA (max)
fSCL=3.4MHz
VA = 4.5V to 5.5V
0.74
0.99
mA (max)
VA = 3.0V
0.26
mW
fSCL=400kHz
VA = 5.0V
0.78
mW
PN
Power Consumption
VA = 3.0V
1.22
mW
fSCL=3.4MHz
VA = 5.0V
3.67
mW
Automatic Conversion Mode -- 2-wire interface stopped and quiet (SCL = SDA = VA). fSAMPLE = TCONVERT * 32
VA = 2.7V to 3.6V
0.41
0.59
mA (max)
IA
Supply Current
VA = 4.5V to 5.5V
0.78
1.2
mA (max)
VA = 3.0V
1.35
mW
PA
Power Consumption
VA = 5.0V
3.91
mW
Power Down Mode (PD1) -- 2-wire interface stopped and quiet. (SCL = SDA = VA).
(4)
IPD1
Supply Current
0.1
0.2
µA (max)
PPD1
Power Consumption
0.5
0.9
µW (max)
Power Down Mode (PD2) -- 2-wire interface active. Master communicating with a different device on the bus.
VA = 2.7V to 3.6V
13
45
µA (max)
fSCL=400kHz
VA = 4.5V to 5.5V
27
80
µA (max)
IPD2
Supply Current
VA = 2.7V to 3.6V
89
150
µA (max)
fSCL=3.4MHz
VA = 4.5V to 5.5V
168
250
µA (max)
VA = 3.0V
0.04
mW
fSCL=400kHz
VA = 5.0V
0.14
mW
PPD2
Power Consumption
VA = 3.0V
0.29
mW
fSCL=3.4MHz
VA = 5.0V
0.84
mW
(4)
This parameter is specified by design and/or characterization and is not tested in production.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC081C021 ADC081C027


同様の部品番号 - ADC081C021CIMK

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC081C021CIMK NSC-ADC081C021CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC081C021CIMKX NSC-ADC081C021CIMKX Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
More results

同様の説明 - ADC081C021CIMK

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C021 TI1-ADC101C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
DAC081C081 NSC-DAC081C081_08 Datasheet
641Kb / 24P
   8-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
ams AG
AS1538 AMSCO-AS1538 Datasheet
80Kb / 2P
   8-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com