データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFL182G54TC1B838 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd.

部品番号 LFL182G54TC1B838
部品情報  Filters for Communication Equipment
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFL182G54TC1B838 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LFL182G54TC1B838 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFL182G54TC1B838 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFL182G54TC1B838 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFL182G54TC1B838 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFL182G54TC1B838 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFL182G54TC1B838 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFL182G54TC1B838 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFL182G54TC1B838 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFL182G54TC1B838 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Filters for Communication Equipment
7
o LFB21(0805)_CG Series
LFB21_CG Series
<Top View>
<Bottom View>
(1)
(2)
(3)
(4)
(in mm)
(1)
(2)(4)
(3)
: IN
: GND
: OUT
Directional Input Mark
2.00
±0.15
0.40
±0.10
0.30
±0.10
0.30
±0.10
Frequency Characteristics
-70
0
-10
-20
-30
-40
-50
-60
1.00
1.50
2.00
2.50
3.00
3.50
4.00
Frequency (GHz)
Insertion Loss
Return Loss
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFB212G45CG1B187
2450.00
fo
±50.00
0.90 max.
(at 25
°C)
28 min.
at 824~960MHz
15 min.
at 1710~1910MHz
WLAN/BT
LFB212G45CG1B982
2450.00
fo
±50.00
1.00 max.
(at 25
°C)
28 min.
at 824~849MHz
17 min.
at 1920~1990MHz
WLAN/BT
LFB212G45CG2D013
2450.00
fo
±50.00
2.50 max.
(at 25
°C)
30 min.
at 824~915MHz
32 min.
at 1920~1980MHz
WLAN/BT
o LFB21(0805)_SG Series
LFB21_SG Series
2.00
±0.15
0.95
±0.10
(1)
(4)
(2)
(3)
0.20
±0.15
A
A : Directional Input Mark
All the technical data and information contained
herein are subject to change without prior notice.
(1)(3) : GND
(2) : OUT
(4) : IN
(in mm)
1.6
+0.10
-0.15
0.3
+0.1
-0.2
Frequency Characteristics
0.00
-20.00
-40.00
-60.00
-80.00
0.50
1.00
1.50
2.00
2.50
3.00
Frequency (GHz)
Insertion Loss
Return Loss
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFB211G90SG8B704
1906.5
fo
±13.5
3.0 max.
(at 25
°C)
20 min.
at 1660.5~1686.3MHz
11 min.
at 2126.8~2152.6MHz
PHS
LFB212G45SG8A127
2450
fo
±50
1.5 max.
(at 25
°C)
25 min.
at 1200~1300MHz
10.0 min.
at 2000MHz
WLAN/BT
LFB212G45SG8A143
2450
fo
±50
2.7 max.
(at 25
°C)
20 min.
at 880~1710MHz
30 min.
at 1710~1990MHz
WLAN/BT
LFB212G45SG8A166
2450
fo
±50
1.4 max.
(at 25
°C)
30 min.
at 824~960MHz
30 min.
at 1710~1910MHz
WLAN/BT
LFB212G45SG8A192
2450
fo
±50
2.6 max.
(at 25
°C)
40 min.
at 880~960MHz
38 min.
at 1710~1990MHz
WLAN/BT
LFB212G49SG8B830
2495
fo
±195
2.4 max.
(at 25
°C)
30 min.
at 824~960MHz
9 min.
at 1710~1990MHz
WIMAX
LFB213G60SG8B831
3600
fo
±300
1.5 max.
(at 25
°C)
32 min.
at 824~960MHz
24 min.
at 1710~1990MHz
WIMAX
LFB215G12SG8A178
5125
fo
±225
1.5 max.
(at 25
°C)
25 min.
at 4200MHz
17 min.
at 2x(fo
±225)MHz
WLAN/BT
LFB215G12SG8A183
5125
fo
±225
1.5 max.
(at 25
°C)
9.0 min.
at 4250MHz
9.5 min.
at 5900MHz
WLAN/BT
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


同様の部品番号 - LFL182G54TC1B838

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
LFL182G54TC1B838 MURATA1-LFL182G54TC1B838 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

同様の説明 - LFL182G54TC1B838

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com