データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7398BRZ-REEL7 データシート(PDF) 4 Page - Analog Devices

部品番号 AD7398BRZ-REEL7
部品情報  Quad, Serial-Input 12-Bit/10-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7398BRZ-REEL7 データシート(HTML) 4 Page - Analog Devices

  AD7398BRZ-REEL7 Datasheet HTML 1Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 2Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7398BRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7398/AD7399
Rev. C | Page 4 of 24
Parameter
Symbol
Condition
3 V to 5 V ± 10%
±5 V ± 10%
Unit
SUPPLY CHARACTERISTICS
Shutdown Supply Current
IDD_SD
No load
30/60
30/60
μA typ/max
Positive Supply Current
IDD
VIL = 0 V, no load, −40°C < TA < +125°C
1.5/2.8
1.6/3
mA typ/max
IDD
VIL = 0 V, no load, −40°C < TA < +85°C
1.5/2.6
1.6/2.8
mA typ/max
Negative Supply Current
ISS
VIL = 0 V, no load
1.5/2.5
1.6/2.7
mA typ/max
Power Dissipation
PDISS
VIL = 0 V, no load
5
16
mW typ
Power Supply Sensitivity
PSS
ΔVDD = ±5%
0.006
0.006
%/% max
1
One LSB = VREF/4096 V for the 12-bit AD7398.
2
The first eight codes (000H to 007H) are excluded from the linearity error measurement in single-supply operation.
3
These parameters are guaranteed by design and not subject to production testing.
4
When VREF is connected to either the VDD or the VSS power supply, the corresponding VOUT voltage programs between ground and the supply voltage minus the offset
voltage of the output buffer, which is the same as the VZSE error specification. See additional information in the Theory of Operation section.
5
Input resistance is code dependent.
6
Typicals represent average readings measured at 25°C.
7
All input control signals are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
8
The settling time specification does not apply for negative going transitions within the last 3 LSBs of ground.
AD7399 10-BIT VOLTAGE OUTPUT DAC
VDD = 5 V, VSS = 0 V; or VDD = +5 V, VSS = –5 V; VREF = +2.5 V, −40°C < TA < +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Condition
3 V to 5 V ± 10%
±5 V ± 10%
Unit
STATIC PERFORMANCE
Resolution1
N
10
10
Bits
Relative Accuracy2
INL
±1
±1
LSB max
Differential Nonlinearity2
DNL
Monotonic
±1
±1
LSB max
Zero-Scale Error
VZSE
Data = 000H
7
±4
mV max
Full-Scale Voltage Error
VFSE
Data = 3FFH
±15
±15
mV max
Full-Scale Tempco3
TCVFS
1.5
1.5
ppm/°C typ
REFERENCE INPUT
VREFIN Range4
VREF
0/VDD
VSS/VDD
V min/max
Input Resistance5
RREF
Data = 155H, worst case
40
40
kΩ typ6
Input Capacitance3
CREF
5
5
pF typ
ANALOG OUTPUT
Output Voltage Range
VOUT
0 to VREF
0 to VREF
V
Output Current
IOUT
Data = 200H, ΔVOUT = 1 LSB
±5
±5
mA typ
Capacitive Load3
CL
No oscillation
200
400
pF max
LOGIC INPUTS
Logic Input Low Voltage
VIL
VDD = 3 V
0.5
V max
VDD = 5 V
0.8
0.8
V max
Logic Input High Voltage
VIH
CLK only
80% VDD
4.0
V min
2.1 to 2.4
2.4
V min
Input Leakage Current
IIL
1
1
μA max
Input Capacitance3
CIL
10
10
pF max
INTERFACE TIMING3, 7
Clock Frequency
fCLK
11
16.6
MHz max
Clock Width High
tCH
45
30
ns min
Clock Width Low
tCL
45
30
ns min
CS to Clock Setup
tCSS
10
5
ns min
Clock to CS Hold
tCSH
20
15
ns min
Load DAC Pulse Width
tLDAC
45
30
ns min
Data Setup
tDS
15
10
ns min
Data Hold
tDH
10
5
ns min
Load Setup to CS
tLDS
0
0
ns min
Load Hold to CS
tLDH
20
15
ns min


同様の部品番号 - AD7398BRZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7398BR AD-AD7398BR Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7398BR-REEL7 AD-AD7398BR-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7398BRU-REEL7 AD-AD7398BRU-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
More results

同様の説明 - AD7398BRZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com