データシートサーチシステム |
|
LM77CIMM-3 データシート(PDF) 2 Page - Texas Instruments |
|
LM77CIMM-3 データシート(HTML) 2 Page - Texas Instruments |
2 / 23 page LM77 SNIS103F – JUNE 1999 – REVISED MARCH 2013 www.ti.com Simplified Block Diagram Figure 1. Connection Diagram Figure 2. SOIC-8 or VSSOP Package See Package Number D0008A or DGK0008A PIN DESCRIPTIONS Pin Name Pin No. Description Typical Connection SDA 1 Serial Bi-Directional Data Line. Open Drain Output From Controller SCL 2 Serial Bus Clock Input From Controller T_CRIT_A 3 Critical Temperature Alarm Open Drain Output Pull Up Resistor, Controller Interrupt Line or System Hardware Shutdown GND 4 Power Supply Ground Ground INT 5 Interrupt Open Drain Output Pull Up Resistor, Controller Interrupt Line +VS 8 Positive Supply Voltage Input DC Voltage from 3V to 5.5V A0–A1 7,6 User-Set Address Inputs Ground (Low, “0”) or +VS (High, “1”) 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM77 |
同様の部品番号 - LM77CIMM-3 |
|
同様の説明 - LM77CIMM-3 |