データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2750SD-50 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM2750SD-50
部品情報  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2750SD-50 データシート(HTML) 2 Page - Texas Instruments

  LM2750SD-50 Datasheet HTML 1Page - Texas Instruments LM2750SD-50 Datasheet HTML 2Page - Texas Instruments LM2750SD-50 Datasheet HTML 3Page - Texas Instruments LM2750SD-50 Datasheet HTML 4Page - Texas Instruments LM2750SD-50 Datasheet HTML 5Page - Texas Instruments LM2750SD-50 Datasheet HTML 6Page - Texas Instruments LM2750SD-50 Datasheet HTML 7Page - Texas Instruments LM2750SD-50 Datasheet HTML 8Page - Texas Instruments LM2750SD-50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Top View
1
2
3
4
5
10
9
8
7
6
VOUT
VOUT
GND/FB*
SD
GND
C+
VIN
VIN
C-
GND
Bottom View
10
9
8
7
6
1
2
3
4
5
Die-Attach
Pad (DAP)
GND
Die-Attach
Pad (DAP)
GND
VOUT
VOUT
GND/FB*
SD
GND
C+
VIN
VIN
C-
GND
* LM2750-5.0: Pin 3 = GND; LM2750-ADJ: Pin 3 = FB
LM2750
SNVS180L – APRIL 2002 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
A perfect fit for space-constrained, battery-powered applications, the LM2750 requires only 3 external
components: one input capacitor, one output capacitor, and one flying capacitor. Small, inexpensive ceramic
capacitors are recommended for use. These capacitors, in conjunction with the 1.7MHz fixed switching frequency
of the LM2750, yield low output voltage ripple, beneficial for systems requiring a low-noise supply. Pre-regulation
minimizes input current ripple, reducing input noise to negligible levels.
A tightly controlled soft-start feature limits inrush currents during part activation. Shutdown completely
disconnects the load from the input. Output current limiting and thermal shutdown circuitry protect both the
LM2750 and connected devices in the event of output shorts or excessive current loads.
Connection Diagram
Figure 1. LM2750 10-Pin WSON/SON (3mm X 3mm)
See Package Number NGY0010A or DSC0010A
Pin Names and Numbers apply to both NGY0010A and DSC0010A packages.
Pin Descriptions
Pin #(s)
Pin Name
Description
8, 9
VIN
Input Voltage - The pins must be connected externally.
1, 2
VOUT
Output Voltage - These pins must be connected externally.
10
CAP+
Flying Capacitor Positive Terminal
7
CAP-
Flying Capacitor Negative Terminal
Active-Low Shutdown Input. A 200k
Ω resistor is connected internally between this pin and
4
SD
GND to pull the voltage on this pin to 0V, and shut down the part, when the pin is left floating.
LM2750-5.0: GND
This pin must be connected externally to the ground pins (pins 5, 6, and the DAP).
3
LM2750-ADJ: FB
Feedback Pin
5, 6, DAP
GND
Ground - These pins must be connected externally.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2750


同様の部品番号 - LM2750SD-50

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SD-5.0/NOPB TI1-LM2750SD-5.0/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
More results

同様の説明 - LM2750SD-50

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com