データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2597N-ADJ データシート(PDF) 1 Page - Texas Instruments

部品番号 LM2597N-ADJ
部品情報  LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2597N-ADJ データシート(HTML) 1 Page - Texas Instruments

  LM2597N-ADJ Datasheet HTML 1Page - Texas Instruments LM2597N-ADJ Datasheet HTML 2Page - Texas Instruments LM2597N-ADJ Datasheet HTML 3Page - Texas Instruments LM2597N-ADJ Datasheet HTML 4Page - Texas Instruments LM2597N-ADJ Datasheet HTML 5Page - Texas Instruments LM2597N-ADJ Datasheet HTML 6Page - Texas Instruments LM2597N-ADJ Datasheet HTML 7Page - Texas Instruments LM2597N-ADJ Datasheet HTML 8Page - Texas Instruments LM2597N-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
LM2597, LM2597HV
www.ti.com
SNVS119C – MARCH 1998 – REVISED APRIL 2013
LM2597/LM2597HV SIMPLE SWITCHER® Power Converter 150 kHz 0.5A Step-Down
Voltage Regulator, with Features
Check for Samples: LM2597, LM2597HV
1
FEATURES
DESCRIPTION
The LM2597/LM2597HV series of regulators are
23
3.3V, 5V, 12V, and Adjustable Output Versions
monolithic integrated circuits that provide all the
Adjustable Version Output Voltage Range,
active functions for a step-down (buck) switching
1.2V to 37V (57V for HV Version)±4% Max Over
regulator, capable of driving a 0.5A load with
Line and Load Conditions
excellent line and load regulation. These devices are
available in fixed output voltages of 3.3V, 5V, 12V,
Specified 0.5A Output Current
and an adjustable output version, and are packaged
Available in 8-pin Surface Mount and PDIP-8
in an 8-lead PDIP and an 8-lead surface mount
Package
package.
Input Voltage Range Up to 60V
This series of switching regulators is similar to the
150 kHz Fixed Frequency Internal Oscillator
LM2594 series, with additional supervisory and
Shutdown /Soft-start
performance features added.
Out of Regulation Error Flag
Requiring
a
minimum
number
of
external
Error Output Delay
components, these regulators are simple to use and
include internal frequency compensation†, improved
Bias Supply Pin (VBS) for Internal Circuitry
line and load specifications, fixed-frequency oscillator,
Improves Efficiency at High Input Voltages
Shutdown /Soft-start, error flag delay and error flag
Low Power Standby Mode, IQ Typically 85 μA
output.
High Efficiency
The
LM2597/LM2597HV
series
operates
at
a
Uses Readily Available Standard Inductors
switching frequency of 150 kHz thus allowing smaller
Thermal Shutdown and Current Limit
sized filter components than what would be needed
with lower frequency switching regulators. Because of
Protection
its high efficiency, the copper traces on the printed
circuit board are normally the only heat sinking
APPLICATIONS
needed.
Simple High-efficiency Step-down (Buck)
A standard series of inductors (both through hole and
Regulator
surface mount types) are available from several
Efficient Pre-regulator for Linear Regulators
different manufacturers optimized for use with the
On-card Switching Regulators
LM2597/LM2597HV
series.
This
feature
greatly
simplifies the design of switch-mode power supplies.
Positive to Negative Converter
Other features include a specified ±4% tolerance on
output voltage under all conditions of input voltage
and output load conditions, and ±15% on the
oscillator frequency. External shutdown is included,
featuring
typically
85
μA standby current. Self
protection features include a two stage current limit
for the output switch and an over temperature
shutdown
for
complete
protection
under
fault
conditions.
The LM2597HV is for use in applications requiring
and input voltage up to 60V.
†Patent Number 5,382,918.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER, Switchers Made Simple are registered trademarks of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM2597N-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2597N-ADJ NSC-LM2597N-ADJ Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2597N-ADJ TI-LM2597N-ADJ Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
LM2597N-ADJ/NOPB TI1-LM2597N-ADJ/NOPB Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results

同様の説明 - LM2597N-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2597M-5 TI1-LM2597M-5 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2597HVM-33 TI-LM2597HVM-33 Datasheet
2Mb / 48P
[Old version datasheet]   LM2597/LM2597HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down
logo
National Semiconductor ...
LM2597 NSC-LM2597 Datasheet
900Kb / 34P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator, with Features
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2590HV NSC-LM2590HV Datasheet
752Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2598 NSC-LM2598 Datasheet
847Kb / 33P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2593HV NSC-LM2593HV Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2598 TI1-LM2598 Datasheet
2Mb / 47P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator, With Features
LM2594MX-5 TI1-LM2594MX-5 Datasheet
1Mb / 40P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com