データシートサーチシステム |
|
L78M12CV-DG データシート(PDF) 7 Page - STMicroelectronics |
|
L78M12CV-DG データシート(HTML) 7 Page - STMicroelectronics |
7 / 30 page DocID2146 Rev 19 7/30 L78MxxC Electrical characteristics 5 Electrical characteristics Refer to the test circuits, TJ = 25 °C, VI = 10 V, IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified. Table 4. Electrical characteristics of L78M05C Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage 4.8 5 5.2 V VO Output voltage IO = 5 to 350 mA, VI = 7 to 20 V 4.75 5 5.25 V V O Line regulation VI = 7 to 25 V, IO = 200 mA 100 mV VI = 8 to 25 V, IO = 200 mA 50 V O Load regulation IO = 5 to 500 mA, TJ = 25 °C 100 mV IO = 5 to 200 mA, TJ = 25 °C 50 Id Quiescent current 6 mA I d Quiescent current change IO = 5 to 350 mA 0.5 mA IO = 200 mA, VI = 8 to 25 V 0.8 V O/T Output voltage drift IO = 5 mA, TJ = 0 to 125 °C -0.5 mV/°C SVR Supply voltage rejection VI = 8 to 18 V, f = 120 Hz, IO = 300 mA 62 dB eN Output noise voltage B = 10 Hz to 100 kHz 40 µV Vd Dropout voltage 2 V Isc Short circuit current VI = 35 V 300 mA |
同様の部品番号 - L78M12CV-DG |
|
同様の説明 - L78M12CV-DG |