データシートサーチシステム |
|
LM2904PWRG3 データシート(PDF) 2 Page - Texas Instruments |
|
|
LM2904PWRG3 データシート(HTML) 2 Page - Texas Instruments |
2 / 32 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068R − JUNE 1976 − REVISED JULY 2010 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION{ TA VIOmax AT 25 °C MAX TESTED VCC PACKAGE} ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 LM358P LM358P Tube of 75 LM358D SOIC (D) Reel of 2500 LM358DR LM358 SOIC (D) Reel of 2500 LM358DRG3 LM358 7 mV 30 V SOP (PS) Reel of 2000 LM358PSR L358 7 mV 30 V Tube of 150 LM358PW TSSOP (PW) Reel of 2000 LM358PWR L358 0 °C to 70°C TSSOP (PW) Reel of 2000 LM358PWRG3 L358 0 C to 70 C MSOP/VSSOP (DGK) Reel of 2500 LM358DGKR M5_§ PDIP (P) Tube of 50 LM358AP LM358AP SOIC (D) Tube of 75 LM358AD LM358A 3mV 30 V SOIC (D) Reel of 2500 LM358ADR LM358A 3 mV 30 V TSSOP (PW) Tube of 150 LM358APW L358A TSSOP (PW) Reel of 2000 LM358APWR L358A MSOP/VSSOP (DGK) Reel of 2500 LM358ADGKR M6_§ PDIP (P) Tube of 50 LM258P LM258P Tube of 75 LM258D 5 mV 30 V SOIC (D) Reel of 2500 LM258DR LM258 5 mV 30 V SOIC (D) Reel of 2500 LM258DRG3 LM258 −25 °C to 85°C MSOP/VSSOP (DGK) Reel of 2500 LM258DGKR M2_§ 25 C to 85 C PDIP (P) Tube of 50 LM258AP LM258AP 3mV 30 V SOIC (D) Tube of 75 LM258AD LM258A 3 mV 30 V SOIC (D) Reel of 2500 LM258ADR LM258A MSOP/VSSOP (DGK) Reel of 2500 LM258ADGKR M3_§ PDIP (P) Tube of 50 LM2904P LM2904P Tube of 75 LM2904D SOIC (D) Reel of 2500 LM2904DR LM2904 SOIC (D) Reel of 2500 LM2904DRG3 LM2904 7 mV 26 V SOP (PS) Reel of 2000 LM2904PSR L2904 7 mV 26 V Tube of 150 LM2904PW −40 °C to 125°C TSSOP (PW) Reel of 2000 LM2904PWR L2904 40 C to 125 C TSSOP (PW) Reel of 2000 LM2904PWRG3 L2904 MSOP/VSSOP (DGK) Reel of 2500 LM2904DGKR MB_§ 7mV 32 V SOIC (D) Reel of 2500 LM2904VQDR L2904V 7 mV 32 V TSSOP (PW) Reel of 2000 LM2904VQPWR L2904V 2mV 32 V SOIC (D) Reel of 2500 LM2904AVQDR L2904AV 2 mV 32 V TSSOP (PW) Reel of 2000 LM2904AVQPWR L2904AV 5mV 30 V CDIP (JG) Tube of 50 LM158JG LM158JG 55 °Cto125°C 5 mV 30 V LCCC (FK) Tube of 55 LM158FK LM158FK −55 °C to 125°C 2mV 30 V CDIP (JG) Tube of 50 LM158AJG LM158AJG 2 mV 30 V LCCC (FK) Tube of 55 LM158AFK LM158AFK † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. |
同様の部品番号 - LM2904PWRG3 |
|
同様の説明 - LM2904PWRG3 |