データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4550BVH データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM4550BVH
部品情報  LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4550BVH データシート(HTML) 11 Page - Texas Instruments

Back Button LM4550BVH Datasheet HTML 7Page - Texas Instruments LM4550BVH Datasheet HTML 8Page - Texas Instruments LM4550BVH Datasheet HTML 9Page - Texas Instruments LM4550BVH Datasheet HTML 10Page - Texas Instruments LM4550BVH Datasheet HTML 11Page - Texas Instruments LM4550BVH Datasheet HTML 12Page - Texas Instruments LM4550BVH Datasheet HTML 13Page - Texas Instruments LM4550BVH Datasheet HTML 14Page - Texas Instruments LM4550BVH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
LM4550B
www.ti.com
SNAS276F – MAY 2005 – REVISED APRIL 2013
ANALOG I/O (continued)
Name
Pin
I / O
Functional Description
Left Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the left channel of the stereo Record Select Mux
for conversion by the left channel ADC. It can also be mixed into the left channel of the Stereo Mix 3D
VIDEO_L
16
I
signal at MIX1 under the control of the Video Volume register, 14h. The VIDEO_L level can be muted
(along with VIDEO_R) or adjusted from +12 dB to -34.5 dB in 1.5 dB steps. Stereo Mix 3D is
combined into the Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and Headphone
Out.
Right Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the right channel of the stereo Record Select
Mux for conversion by the right channel ADC. It can also be mixed into the right channel of the Stereo
VIDEO_R
17
I
Mix 3D signal at MIX1 under the control of the Video Volume register, 14h. The VIDEO_R level can be
muted (along with VIDEO_L) or adjusted from +12 dB to -34.5 dB in 1.5 dB steps. Stereo Mix 3D is
combined into the Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and Headphone
Out.
Left Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the left channel of the stereo Input Mux for
conversion by the left channel ADC. It can also be mixed into the left channel of the Stereo Mix 3D
CD_L
18
I
signal at MIX1 under the control of the CD Volume register, 12h. The CD_L level can be muted (along
with CD_R) or adjusted from +12 dB to -34.5 dB in 1.5 dB steps. Stereo Mix 3D is mixed into the
Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and Headphone Out.
AC Ground Reference
This input is the reference for the signals on both CD_L and CD_R. CD_GND is NOT a DC ground
and must be AC-coupled to the stereo source ground common to both CD_L and CD_R. The three
CD_GND
19
I
inputs CD_GND, CD_L and CD_R act together as a quasi-differential stereo input with CD_GND
providing AC common-mode feedback to reject ground noise. This can improve the input SNR for a
stereo source with a good common ground but precision resistors may be needed in any external
attenuators to achieve the necessary balance between the two channels.
Right Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the right channel of the stereo Input Mux for
conversion by the right channel ADC. It can also be mixed into the right channel of the Stereo Mix 3D
CD_R
20
I
signal at MIX1 under the control of the CD Volume register, 12h. The CD_R level can be muted (along
with CD_L) or adjusted from +12 dB to -34.5 dB in 1.5 dB steps. Stereo Mix 3D is combined into the
Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and Headphone Out.
Mono microphone input
Either MIC1 or MIC2 can be muxed to a programmable boost amplifier with selection by the MS bit (bit
D8) in the General Purpose register, 20h. The boost amplifier gain (0 dB or 20 dB) is set by the 20dB
bit (D6) in the Mic Volume register, 0Eh. Nominal input levels at the two gain settings are 1 Vrms and
0.1 Vrms respectively. The amplifier output is selectable (Record Select register, 1Ah) by either the
MIC1
21
I
right or left channels of the Record Select Mux for conversion on either or both channels of the stereo
ADC. The amplifier output can also be accessed at the stereo mixer MIX1 (muting and mixing
adjustments via Mic Volume register, 0Eh) where it is mixed equally into both left and right channels of
Stereo Mix 3D for access to the stereo outputs Line Out and Headphone Out. Access to the Mono
analog output is selected by a mux controlled by the MIX bit (D9) in General Purpose register, 20h.
Mono microphone input
Either MIC1 or MIC2 can be muxed to a programmable boost amplifier with selection by the MS bit (bit
D8) in the General Purpose register, 20h. The boost amplifier gain (0 dB or 20 dB) is set by the 20dB
bit (D6) in the Mic Volume register, 0Eh. Nominal input levels at the two gain settings are 1 Vrms and
0.1 Vrms respectively. The amplifier output is selectable (Record Select register, 1Ah) by either the
MIC2
22
I
right or left channels of the Record Select Mux for conversion on either or both channels of the stereo
ADC. The amplifier output can also be accessed at the stereo mixer MIX1 (muting and mixing
adjustments via Mic Volume register, 0Eh) where it is mixed equally into both left and right channels of
Stereo Mix 3D for access to the stereo outputs Line Out and Headphone Out. Access to the Mono
analog output is selected by a mux controlled by the MIX bit (D9) in General Purpose register, 20h.
Left Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the left channel of the stereo Record Select Mux
for conversion by the left channel ADC. It can also be mixed into the left channel of the Stereo Mix 3D
LINE_IN_L
23
I
signal at MIX1 under the control of the Line In Volume register, 10h. The LINE_IN_L level can be
muted (along with LINE_IN_R) or adjusted from +12 dB to -34.5 dB in 1.5 dB steps. Stereo Mix 3D is
combined into the Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and Headphone
Out.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4550B


同様の部品番号 - LM4550BVH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4550BVH NSC-LM4550BVH Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVH TI1-LM4550BVH Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
LM4550BVH/NOPB TI1-LM4550BVH/NOPB Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
LM4550BVHX/NOPB TI1-LM4550BVHX/NOPB Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
More results

同様の説明 - LM4550BVH

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
Texas Instruments
LM4546A TI1-LM4546A Datasheet
660Kb / 32P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4450B TI1-LM4450B Datasheet
1Mb / 45P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
logo
Texas Instruments
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
[Old version datasheet]   AC 97 Rev 2 Codec
logo
Wolfson Microelectronic...
WM9707 WOLFSON-WM9707_06 Datasheet
333Kb / 35P
   AC 97 Revision 2.1 Audio CODEC with SPDIF Output
logo
National Semiconductor ...
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com