データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5010MH データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5010MH
部品情報  High-Voltage 1-A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010MH データシート(HTML) 6 Page - Texas Instruments

Back Button LM5010MH Datasheet HTML 2Page - Texas Instruments LM5010MH Datasheet HTML 3Page - Texas Instruments LM5010MH Datasheet HTML 4Page - Texas Instruments LM5010MH Datasheet HTML 5Page - Texas Instruments LM5010MH Datasheet HTML 6Page - Texas Instruments LM5010MH Datasheet HTML 7Page - Texas Instruments LM5010MH Datasheet HTML 8Page - Texas Instruments LM5010MH Datasheet HTML 9Page - Texas Instruments LM5010MH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0
8
20
40
60
80
VIN (V)
4.0
3.0
2.0
1.0
0
RON = 50k
301k
511k
115k
0
8
20
40
60
80
VIN (V)
0
100
200
300
400
500
600
700
800
FB = 3V
RON/SD = 0V
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
7
8
9
10
11
12
13
EXTERNALLY APPLIED VCC (V)
14
FS = 200 kHz
FS = 550 kHz
FS = 100 kHz
300k
0
8
20
40
60
80
VIN (V)
100k
RON = 500k
0
1
2
3
4
5
6
7
8
9
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
ICC (mA)
VIN = 48V
VIN = 8V
VIN = 9V
VCC Externally Loaded
FS = 100 kHz
6.5
7.0
7.5
8.0
8.5
9.0
9.5
VIN (V)
5.0
5.5
6.0
6.5
7.0
7.5
10
Load Current = 300 mA
ICC = 0 mA
FS = 200 kHz
FS = 620 kHz
FS = 100 kHz
LM5010
SNVS307F – SEPTEMBER 2004 – REVISED FEBRUARY 2013
www.ti.com
Typical Performance Characteristics
Figure 2. VCC vs VIN
Figure 3. VCC vs ICC
Figure 4. ICC vs Externally Applied VCC
Figure 5. On-Time vs VIN and RON
Figure 6. Voltage at RON/SD Pin
Figure 7. IIN vs VIN
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5010


同様の部品番号 - LM5010MH

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM5010MH NSC-LM5010MH Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010MH TI1-LM5010MH Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010MH/NOPB TI1-LM5010MH/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5010MHX NSC-LM5010MHX Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010MHX/NOPB TI1-LM5010MHX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

同様の説明 - LM5010MH

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com