データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM22678QTJ-ADJ データシート(PDF) 2 Page - Texas Instruments

部品番号 LM22678QTJ-ADJ
部品情報  LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM22678QTJ-ADJ データシート(HTML) 2 Page - Texas Instruments

  LM22678QTJ-ADJ Datasheet HTML 1Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 2Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 3Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 4Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 5Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 6Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 7Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 8Page - Texas Instruments LM22678QTJ-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Exposed Pad
Connect to GND
5 NC
6 FB
3 BOOT
1 SW
2 VIN
4 GND
7 EN
LM22678
SNVS585K – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 1. 7-Lead PFM Package
See Package Number NDR0007A
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
SW
Switch Pin
Switching output of regulator.
2
VIN
Input voltage
Supply input to the regulator.
3
BOOT
Boot-strap input
Provides the gate voltage for the high side NFET
4
GND
Ground input to regulator; system
System ground pin.
common
5
NC
Not Connected
Pin is not electrically connected inside chip. Pin does function as thermal
conductor.
6
FB
Feedback input
Feedback input to regulator
7
EN
Enable input
Used to control regulator start-up and shutdown. See Precision Enable
section of data sheet.
EP
EP
Exposed Pad
Connect to ground. Provides thermal connection to PCB. See applications
information.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22678


同様の部品番号 - LM22678QTJ-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM22678QTJ-ADJ TI1-LM22678QTJ-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
LM22678QTJ-ADJ/NOPB TI-LM22678QTJ-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results

同様の説明 - LM22678QTJ-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM22678TJE-ADJ TI1-LM22678TJE-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675QMR-ADJ TI-LM22675QMR-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678 Datasheet
459Kb / 27P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com