データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM22678TJE-ADJ データシート(PDF) 8 Page - Texas Instruments

部品番号 LM22678TJE-ADJ
部品情報  LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with Features
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM22678TJE-ADJ データシート(HTML) 8 Page - Texas Instruments

Back Button LM22678TJE-ADJ Datasheet HTML 4Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 5Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 6Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 7Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 8Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 9Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 10Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 11Page - Texas Instruments LM22678TJE-ADJ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
EN
Vin
RENB
RENT
LM22678
SNVS585K – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Although an internal pull-up is provided on the EN pin, it is good practice to pull the input high, when this feature
is not used, especially in noisy environments. This can most easily be done by connecting a resistor between
VIN and the EN pin. The resistor is required, since the internal zener diode, at the EN pin, will conduct for
voltages above about 6V. The current in this zener must be limited to less than 100 µA. A resistor of 470 k
Ω will
limit the current to a safe value for input voltages as high 42V. Smaller values of resistor can be used at lower
input voltages.
The LM22678 also incorporates an input under voltage lock-out (UVLO) feature. This prevents the regulator from
turning on when the input voltage is not great enough to properly bias the internal circuitry. The rising threshold is
4.3V (typ.) while the falling threshold is 3.9V (typ.). In some cases these thresholds may be too low to provide
good system performance. The solution is to use the EN input as an external UVLO to disable the part when the
input voltage falls below a lower boundary. This is often used to prevent excessive battery discharge or early
turn-on during start-up. This method is also recommended to prevent abnormal device operation in applications
where the input voltage falls below the minimum of 4.5V. Figure 12 shows the connections to implement this
method of UVLO. The following equations can be used to determine the correct resistor values:
(1)
(2)
Where Voff is the input voltage where the regulator shuts off, and Von is the voltage where the regulator turns on.
Due to the 6 µA pull-up, the current in the divider should be much larger than this. A value of 20 k
Ω, for RENB is a
good first choice. Also, a zener diode may be needed between the EN pin and ground, in order to comply with
the absolute maximum ratings on this pin.
Figure 12. External UVLO Connections
Duty-Cycle Limits
Ideally the regulator would control the duty cycle over the full range of zero to one. However due to inherent
delays in the circuitry, there are limits on both the maximum and minimum duty cycles that can be reliably
controlled. This in turn places limits on the maximum and minimum input and output voltages that can be
converted by the LM22678. A minimum on-time is imposed by the regulator in order to correctly measure the
switch current during a current limit event. A minimum off-time is imposed in order the re-charge the bootstrap
capacitor. The following equation can be used to determine the approximate maximum input voltage for a given
output voltage:
(3)
Where Fsw is the switching frequency and TON is the minimum on-time; both found in the Electrical
Characteristics table. The worst case occurs at the lowest output voltage. If the input voltage, found in the above
equation, is exceeded, the regulator will skip cycles, effectively lowering the switching frequency. The
consequences of this are higher output voltage ripple and a degradation of the output voltage accuracy.
The second limitation is the maximum duty cycle before the output voltage will "dropout" of regulation. The
following equation can be used to approximate the minimum input voltage before dropout occurs:
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM22678


同様の部品番号 - LM22678TJE-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22678TJE-ADJ TI1-LM22678TJE-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678TJE-ADJ/NOPB TI-LM22678TJE-ADJ/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
More results

同様の説明 - LM22678TJE-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM22678TJE-50 TI1-LM22678TJE-50 Datasheet
1Mb / 23P
[Old version datasheet]   LM22678/LM22678Q 42V, 5A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22678 TI-LM22678_15 Datasheet
1Mb / 26P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM22678TJE-ADJ NSC-LM22678TJE-ADJ Datasheet
513Kb / 14P
   LM22678 5A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM22675QMR-ADJ TI-LM22675QMR-ADJ Datasheet
1Mb / 23P
[Old version datasheet]   LM22675/LM22675Q 42V, 1A SIMPLE SWITCHER Step-Down Voltage Regulator with
LM22670MRE-ADJ TI-LM22670MRE-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator with
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com